Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7303 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VSC7303
Description  Stapleford??- 24-port Gigabit Ethernet Switch-on-a-Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VSC7303 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VSC7303 Datasheet HTML 1Page - List of Unclassifed Manufacturers VSC7303 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
g
0 to
23
Data Bus
Heathrow-II_Block_Diagram
CPU Interfaces
MII Management
Interface
Control/Status
Registers
SI
MIIM
PI
RGMII/RTBI
10/100/1000
MAC
Policer
Cate-
gorizer
Shaper
10/100/1000
MAC
Policer
Cate-
gorizer
Shaper
Analyzer/Arbiter
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2003 Vitesse Semiconductor Corporation
Stapleford™ - 24-port Gigabit Ethernet Switch-on-a-Chip
VSC7303
Stapleford™ is a highly integrated, single-
chip Ethernet switch with 24 non-blocking
ports. High performance with easy migration
paths and comprehensive System Solutions
enableing ultra-short time-to-market and
market leading system cost.
A Vitesse Switch Family Member
Stapleford is a part of the Vitesse London Family Of Switches.
With its high port density of 24 tri-speed ports, it is specifically
targeted at desktop and medium business applications.
Being a member of the switch family provides a number of
unique advantages when designing with the chip, including
nearly 100% software compatibility between members. Thus,
software written for Stapleford can easily be used with other
switch configurations in the family, and vice-versa.
Additionally, building a product family is easy when designing
with Vitesse switches. Migrating designs to other port counts
or other configurations, or to future technology, is achievable
with minimum effort and time.
The Vitesse London Switch Family
Stapleford, as part of the Vitesse London Family Of Switches,
shares the unique traits of the family.
The highly integrated switches require no external memory at
all, and the use of Reduced Mode interfaces (RGMII and
RTBI) simplifies PCB layout to reduce time and cost. Further
trimming down system cost is the persistently low power
dissipation of the family.
The switches provide for high performance designs with their
non-blocking, wire-speed performance, which includes wire-
speed MAC address learning.
GENERAL DESCRIPTION:
Designing both unmanaged and managed solutions is
straightforward. The chips offer both serial and parallel CPU
interfaces, and support a host of management protocols such as
GxRP, SNMP, and three flavors of Spanning Tree: Standard STP,
Multiple STP, and Rapid STP.
Gaining control with networks operated by the Vitesse switches is
simple; advanced Layer 2-4 classification, plus shaping and
policing functionality, along with port authentication support,
provide flexible QoS operation. This is backed up by link
aggregation and VLAN support, enabling advanced techniques
such as “802.1Q-in-802.1Q” to be deployed. Additionally, OAM is
supported for designing switch products for Ethernet in the MAN.
Designing with Vitesse London Family Of Switches means
designing with the whole Vitesse Solution:
The outstanding Vitesse web managed switch software system
that runs on a standard 8051 controller, is provided. This is in
addition to the unmanaged and smart managed software systems
for 8051, which are also included. For homegrown software
development our full switch API is supplied.
Accompanying the software systems are the Vitesse Switch
Reference Systems. These are production-ready hardware
designs that also serve as evaluation platforms for our switches.
The Vitesse Solution is supplied with a comprehensive collateral
package, which includes software source code, full documentation,
and an in-depth qualification report for easy pre-evaluation.
BLOCK DIAGRAM:
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
SPECIFICA TIONS:
25 MHz LVTTL reference clock
1.8 V core power supply
2.5 and 3.3 V interface power supply
680-pin TSBGA package



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com