Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW338 Datasheet(PDF) 18 Page - Advanced Semiconductor Business Inc.

Part # ASW338
Description  5 ~ 4000 MHz MMIC Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW338 Datasheet(HTML) 18 Page - Advanced Semiconductor Business Inc.

Back Button ASW338 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 19Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18/19
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASW338
5 ~ 4000 MHz MMIC Amplifier
.
1) OIP3 and OIP2 are measured with two tones at an output power of +8 dBm/tone
separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
50
500
860
Magnitude S21 (dB)
14.1
14.3
14.2
Magnitude S11 (dB)
-15
-11
-14
Magnitude S22 (dB)
-11
-10
-12
Output P1dB (dBm)
26
28
28
Output IP31) (dBm)
41.0
45.0
42.5
Output IP21),2) (dBm)
73
65
54
Noise Figure (dB)
3.5
2.8
3.2
Device Voltage (V)
+8
+8
+8
Current (mA)
240
240
240
S-parameters
CATV Push-Pull (75
)
50 ~ 1000 MHz
+8 V
Note: The transformers are used M/A COM’s
MABA-007159 1:1 transformer.
0
100
200
300
400
500
600
700
800
900
1000 1100
0
5
10
15
20
25
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900
1000 1100
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900
1000 1100
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com