Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW338 Datasheet(PDF) 19 Page - Advanced Semiconductor Business Inc.

Part # ASW338
Description  5 ~ 4000 MHz MMIC Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW338 Datasheet(HTML) 19 Page - Advanced Semiconductor Business Inc.

Back Button ASW338 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASW338 Datasheet HTML 19Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
19/19
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASW338
5 ~ 4000 MHz MMIC Amplifier
260
C
150
C
60~180 sec
Ramp-up
(3
C/sec)
Ramp-down
(6
C/sec)
Copyright
2008-2017 ASB Inc. All rights reserved. Datasheet subject to change without notice. ASB assumes no re-
sponsibility for any errors which may appear in this datasheet. No part of the datasheet may be copied or reproduced in
any form or by any means without the prior written consent of ASB.
Recommended Soldering Reflow Profile
20~40 sec
200
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com