Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX101 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASX101
Description  5 ~ 4000 MHz MMIC Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX101 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASX101 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX101
5 ~ 4000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
21
Magnitude S21 (dB)
27.5
Magnitude S11 (dB)
-10
Magnitude S22 (dB)
-10
Output P1dB (dBm)
16
Output IP31) (dBm)
31
Noise Figure (dB)
3.9
Device Voltage (V)
+3.5
Current (mA)
55
IF
21 MHz
+3.5 V
C1=2200 pF
L1=330 nH
C2=2200 pF
RF IN
RF OUT
ASX101
C3=100pF
C4=1
F
Vcc=3.5 V
D1=5.6V
Zener Diode
R1=2.4 k
L2=390 nH
0
100
200
300
400
500
0
5
10
15
20
25
30
35
Frequency (MHz)
0
100
200
300
400
500
-20
-15
-10
-5
0
Frequency (MHz)
0
100
200
300
400
500
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com