Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX101 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX101
Description  5 ~ 4000 MHz MMIC Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX101 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX101 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX101 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX101
5 ~ 4000 MHz MMIC Amplifier
(Supply Voltage = +2.7, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
850
1950
2450
2700
100
900
2000
Gain
dB
21.5
15.0
13.0
13.0
28.5
22.0
15.0
S11
dB
-14
-15
-18
-18
-14
-14
-20
S22
dB
-14.0
-15.0
-11.5
-13.0
-15.0
-20.0
-15.0
Output IP3
dBm
27.01)
29.01)
30.02)
28.52)
27.72)
31.52)
33.02)
Noise Figure
dB
3.2
3.2
3.5
3.4
3.5
3.1
3.2
Output P1dB
dBm
16.0
17.0
17.0
16.0
17.5
18.5
19.0
Current
mA
38
38
40
40
55
55
55
Device Voltage
V
+2.7
+2.7
+3.3
+3.3
+3.5
+3.5
+3.5
1) OIP3 is measured with two tones at an output power of +3 dBm/tone separated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ.
Max
Testing Frequency
MHz
850
Gain
dB
21.0
21.5
S11
dB
-14
S22
dB
-14
Output IP3
dBm
26
27
Noise Figure
dB
3.2
3.5
Output P1dB
dBm
15
16
Current
mA
35
38
45
Device Voltage
V
+2.7
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+4 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)1)
+25 dBm
Thermal Resistance
210
C/W
1) Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
Absolute Maximum Ratings
22 dB Gain at 900 MHz
18.5 dBm P1dB at 900 MHz
31.5 dBm OIP3 at 900 MHz
3.1 dB NF at 900 MHz
MTTF > 100 Years
The ASX101, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication sys-
tems up to 4 GHz. The amplifier is available in a
SOT89 package and passes through the stringent
DC, RF, and reliability tests.
Application Circuit
IF (21 MHz)
IF
TETRA (380 ~ 520 MHz)
CDMA
CDMA & GSM (900 MHz)
PCS & DCS
WCDMA
WCDMA (2000 MHz)
WLAN
LTE (2500 ~ 2700 MHz)
GPS (1200 MHz)
Wide Band (1500 ~ 2500 MHz)
Product Specifications
ASX101
Package Style: SOT89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias


Similar Part No. - ASX101

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
ASX10104-SPD-R PUIAUDIO-ASX10104-SPD-R Datasheet
361Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
ASX10108-SPD-R PUIAUDIO-ASX10108-SPD-R Datasheet
361Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - ASX101

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL033 ASB-ASL033 Datasheet
901Kb / 17P
5-4000 MHz MMIC Amplifier
January 2012
ASW135 ASB-ASW135 Datasheet
341Kb / 5P
5-4000 MHz MMIC Amplifier
July 2011
ASW215 ASB-ASW215 Datasheet
463Kb / 7P
5-4000 MHz MMIC Amplifier
February 2010
ASW216 ASB-ASW216 Datasheet
325Kb / 5P
5-4000 MHz MMIC Amplifier
February 2010
ASW338 ASB-ASW338 Datasheet
790Kb / 10P
5-4000 MHz MMIC Amplifier
April 2012
ASW318 ASB-ASW318 Datasheet
1Mb / 23P
5 ~ 4000 MHz MMIC Amplifier
December 2014
ASW335 ASB-ASW335 Datasheet
905Kb / 16P
5 ~ 4000 MHz MMIC Amplifier
January 2014
AWB207 ASB-AWB207 Datasheet
687Kb / 9P
5 ~ 4000 MHz MMIC Amplifier
October 2013
AWB389 ASB-AWB389 Datasheet
441Kb / 6P
5 ~ 4000 MHz MMIC Amplifier
December 2013
AWB389 ASB-AWB389_17 Datasheet
566Kb / 7P
5 ~ 4000 MHz MMIC Amplifier
April 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com