Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602SEDS/V Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8602SEDS/V
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602SEDS/V Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8602SEDS/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Product Preview
WM8602
w
PP Rev 1.5 May 2004
5
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Analogue supply voltage (AVDD)
-0.3V
+5V
Digital supply voltage (DVDD)
-0.3V
+5V
PWM output buffer supply voltage (BVDD)
-0.3V
+5V
Voltage range inputs
DGND -0.3V
DVDD +0.3V
Master Clock Frequency
10MHz
50MHz
Operating temperature range, TA
-20
°C
+85
°C
Storage temperature
-65
°C
+150
°C
Notes:
1.
GND power supplies (i.e. AGND, DGND, and BGND) must always be within 0.3V of each other.
2.
VDD power supplies (i.e. AVDD, DVDD, and BVDD) must always be within 0.3V of each other.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue supply range
AVDD
2.7
3.6
V
Digital supply range
DVDD
2.7
3.6
V
PWM output buffer supply
BVDD
2.7
3.6
V
Ground
AGND, DGND, BGND
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com