Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602SEDS/V Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8602SEDS/V
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602SEDS/V Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8602SEDS/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8602SEDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
Product Preview
WM8602
w
PP Rev 1.5 May 2004
15
Parameter
Group Delay
Unit
fs=48kHz
Unit
L / R channel
47
samples
1.0
ms
SUB channel
22
samples
0.5
ms
Table 9 Signal Path Group Delay
Note: The shorter delay on the SUB channel will not significantly affect audio performance. (It is
equivalent to moving the subwoofer forwards by about 15cm.)
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting audio data into the WM8602. It uses five pins:
•
DIN: L+R channel data input
•
LRCLK: Data alignment clock
•
BCLK: Bit clock, for synchronisation
The clock signals BCLK and LRCLK can be outputs when the WM8602 operates as a master, or
inputs when it is a slave (see Master and Salve Mode Operation, below).
MASTER AND SLAVE MODE OPERATION
The WM8602 can be configured as either a master or slave mode device. As a master device the
WM8602 generates BCLK and LRCLK and thus controls sequencing of the data transfer on the data
channels. In slave mode, the WM8602 receives data and clock signals over the digital audio
interface. The mode can be selected by writing to the MS bit (see Table 23). Master and slave modes
are illustrated below.
Master Mode
Slave Mode
Figure 8 Operation Mode
AUDIO DATA FORMATS
In Left Justified mode, the MSB is available on the first rising edge of BCLK following a LRCLK Audio
data is applied to the internal filters via the Digital Audio Interface. 5 popular interface formats are
supported:
•
Left Justified mode
•
Right Justified mode
•
I
2S mode
•
DSP mode A
•
DSP mode B
All 5 formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits. Except that 32
bit data is not supported in right justified mode. DIN and LRCLK are sampled on the rising, or falling
edge of BCLK.
In left justified, right justified and I
2S modes the digital audio interface receives data on the DIN input.
Audio Data for each stereo channel is time multiplexed with LRCLK indicating whether the left or right
channel is present. LRCLK is also used as a timing reference to indicate the beginning or end of the
data words.
In left justified, right justified and I
2S modes, the minimum number of BCLKs per DACLRC period is 2
times the selected word length. LRCLK must be high for a minimum of word length BCLKs and low
for a minimum of word length BCLKs. Any mark to space ratio on LRCLK is acceptable provided the
above requirements are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com