Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9709CDS Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM9709CDS
Description  AC LINK INTERFACE AUDIO DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9709CDS Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM9709CDS Datasheet HTML 4Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 5Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 6Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 7Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 8Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 9Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 10Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 11Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
WM9709
Production Data
w
PD Rev 1.3 February 2003
8
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
BITCLK rise time
triseCLK
2
6
ns
BITCLK fall time
tfallCLK
2
6
ns
SYNC rise time
triseSYNC
2
6
ns
SYNC fall time
tfallSYNC
2
6
ns
SDATAIN rise time
triseDIN
2
6
ns
SDATAIN fall time
triseDIN
2
6
ns
SDATAOUT rise time
triseDOUT
2
6
ns
SDATAOUT fall time
tfallDOUT
2
6
ns
DIGITAL FILTER RESPONSE
The WM9709 digital filter response is guaranteed by design but is not tested in production.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Passband
±0.05 dB
0.444fs
dB
Stopband
-3dB
0.487fs
Passband ripple
±0.05
dB
Stopband Attenuation
f > 0.555fs
-60
dB
TERMINOLOGY
1.
Stop band attenuation (dB) - Is the degree to which the frequency spectrum is attenuated (outside the audio band).
2.
Pass-Band Ripple - Any variation of the frequency response in the pass-band region.
-120
-100
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
Frequency (Fs)
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (Fs)
Figure 6 Digital Filter Frequency Response – 48kHz
Figure 7 Digital Filter Ripple – 48kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com