Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9709CDS Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM9709CDS
Description  AC LINK INTERFACE AUDIO DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9709CDS Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM9709CDS Datasheet HTML 6Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 7Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 8Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 9Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 10Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 11Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 12Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 13Page - Wolfson Microelectronics plc WM9709CDS Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
WM9709
Production Data
w
PD Rev 1.3 February 2003
10
SYNC is fixed at 48 kHz, and is derived by the AC-link controller which divides down the serial clock
(BITCLK). BITCLK, fixed at 12.288 MHz, provides the necessary clocking granularity to support 12,
20-bit outgoing and incoming time slots. AC-link serial data is transitioned on each rising edge of
BITCLK. The receiver of AC-link data, (WM9709 for SDATAOUT data), samples each serial bit on
the falling edges of BITCLK.
The AC-link protocol provides for a special 16-bit time slot (slot 0) wherein each bit conveys a valid
tag for its corresponding time slot within the current audio frame. A ‘1’ in a given bit position of slot 0
indicates that the corresponding time slot within the current audio frame has been assigned to a data
stream, and contains valid data. If a slot is “tagged” invalid, WM9709 will ignore the corresponding
data slot.
SYNC remains high for a total duration of 16 BITCLKs at the beginning of each audio frame.
The portion of the audio frame where SYNC is high is defined as the “Tag Phase”. The remainder of
the audio frame where SYNC is low is defined as the “Data Phase”. Additionally, for power savings,
all clock, sync, and data signals can be halted.
AC-LINK AUDIO OUTPUT FRAME (SDATAOUT)
SDATAOUT, the audio frame data input to the WM9709, contains audio and control data time
multiplexed onto one bus. As briefly mentioned earlier, each audio output frame supports up to 12,
20-bit outgoing data time slots. Slot 0 is a special reserved time slot containing 16-bits, which are
used for AC-link protocol infrastructure.
The first bit within slot 0 is a global bit (SDATAOUT slot 0, bit 15) which flags the validity for the
entire audio frame. If the “Valid Frame” bit is a 1, this indicates that the current audio frame contains
at least one time slot of valid data. The next 12-bit positions sampled by the WM9709 indicate which
of the corresponding 12 time slots contain valid data.
SYNC
BITCLK
SDATAOUT
WM9709 samples SYNC assertion here
WM9709 samples first
SDATAOUT bit of frame here
End of previous Audio Frame
Valid
Frame
Slot (1)
Slot (2)
Figure 9 Start of an Audio Output Frame
A new audio output frame begins with a low to high transition of SYNC as shown in Figure 7. SYNC
is synchronous to the rising edge of BITCLK. On the immediately following falling edge of BITCLK,
WM9709 samples the assertion of SYNC. This falling edge marks the time when both sides of the
AC-link are aware of the start of a new audio frame. On the next rising edge of BITCLK, the AC-link
controller transitions SDATAOUT into the first bit position of slot 0 (“Valid Frame” bit). Each new bit
position is presented to AC-link on a rising edge of BITCLK, and subsequently sampled by the
WM9709 on the following falling edge of BITCLK. This sequence ensures that data transitions and
subsequent sample points for both incoming and outgoing data streams are time aligned.
Baseline AC’97 specified audio functionality MUST ALWAYS sample rate convert to and from a
fixed 48 kS/s on the AC’97 controller.
This requirement is necessary to ensure that interoperability between the AC-link controller and
WM9709 can be guaranteed by definition for baseline specified AC’97 features.
SDATAOUT’s composite stream is MSB justified (MSB first) with all non-valid slot bit positions
stuffed with 0s by the AC-link controller.
As an example, consider an 8-bit sample stream that is being played out to one of WM9709’s DACs.
The first 8-bit positions are presented to the DAC (MSB justified) followed by the next 12-bit-
positions, which are stuffed with 0s by the AC-link controller. This ensures that regardless of the
resolution of the implemented DAC (16, 18 or 20-bit), the least significant bits will introduce no DC
biasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com