Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9138 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9138
Description  ASYNCHRONOUS TO SYNCHRONOUS CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9138 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9138 Datasheet HTML 1Page - Micro Analog systems MAS9138 Datasheet HTML 2Page - Micro Analog systems MAS9138 Datasheet HTML 3Page - Micro Analog systems MAS9138 Datasheet HTML 4Page - Micro Analog systems MAS9138 Datasheet HTML 5Page - Micro Analog systems MAS9138 Datasheet HTML 6Page - Micro Analog systems MAS9138 Datasheet HTML 7Page - Micro Analog systems MAS9138 Datasheet HTML 8Page - Micro Analog systems MAS9138 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 (10)
DA9138.005
12 April, 2006
PIN DESCRIPTION
Pin name
Pin no.
I/O
Function
PDIP
SO
TDI
9
9
I
Transmitter data input. 1 = mark or stop bit. 0 = space, start or break
signal.
TDO
10
10
O
Transmitter data output. Output data is synchronized to the
synchronous timing signal TXC (pin 4). 1 = mark. 0 = space.
XASY
11
11
I
Asynchronous mode. XASY = 0 Asynchronous transmission, XASY = 1
Synchronous transmission. In synchronous transmission the converter
is totally bypassed in both directions: TDI = TDO, RDI = RDO
XHST
12
12
I
Higher speed signalling timing. XHST = 1 normal synchronous to
asynchronous conversion (CCITT V.14). XHST = 0 asynchronous to
synchronous conversion with higher speed synchronous timing (TXC,
RXC). TXC and RXC timing must be 1-2% higher than the normal bit
rate in order to allow some overspeed in the asynchronous data.
On the receiver side the RX buffer is deleted and the synchronous
data RDI is directly connected to the asynchronous output RDO.
RDO
13
13
O
Receiver data output. RDO is the received data converted back to
asynchrnous mode.
1 = mark or stop bit, 0 = space, start or break signal
RDI
14
14
I
Receiver data input. 1 = mark, 0 = space. The received data must be
synchronized to the receiver timing RXC from the synchronous
channel (pin 15).
RXC
15
15
I
Receiver timing (MAS9138 only). Receiver square wave timing from
the synchronous channel. The received data RDI must be
synchronized to the rising edge of RXC.
VDD
16
16
P
Power supply
ABSOLUTE MAXIMUM RATINGS
(GND = 0V)
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.5
5.5
V
Storage Temperature
Ts
-55
+150
oC
RECOMMEDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
3
3.3 to
5.0
5.25
V
Supply current
IDD
VDD = 5V
2
5
mA
Operating Temperature
Ta
-40
+85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com