Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9138 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9138
Description  ASYNCHRONOUS TO SYNCHRONOUS CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9138 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9138 Datasheet HTML 1Page - Micro Analog systems MAS9138 Datasheet HTML 2Page - Micro Analog systems MAS9138 Datasheet HTML 3Page - Micro Analog systems MAS9138 Datasheet HTML 4Page - Micro Analog systems MAS9138 Datasheet HTML 5Page - Micro Analog systems MAS9138 Datasheet HTML 6Page - Micro Analog systems MAS9138 Datasheet HTML 7Page - Micro Analog systems MAS9138 Datasheet HTML 8Page - Micro Analog systems MAS9138 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 (10)
DA9138.005
12 April, 2006
MAS9138
ASYNCHRONOUS TO SYNCHRONOUS CONVERTER
• Pin compatible with MAS7838
• Interfaces a duplex asynchronous to synchronous channel
• Modem speeds of 600, 1.2k, 2.4k, 4.8k, 7.2k, 9.6k, 12k,
14.4k, 19.2k and 38.4k bps with a single 4.9152 MHz crystal
DESCRIPTION
MAS9138 is a single chip duplex asynchronous to
synchronous converter. It converts asynchronous start
stop characters to synchronous format, with stop bit
deletion when required as defined in the CCITT
recommendation V.14. On the receiver channel
MAS9138 converts the incoming synchronous data to
asynchronous start stop character format with stop bit
insertion when required as defined in the CCITT
recommendation V.14. MAS9138 implements the data
modes for the synchronous interface as specified in the
V.14. MAS9138 can be configured to operate at any
frequency up to 38.4 kbits/s within these modes. The
device contains a bit generator and frequency selection
logic to allow easy operation at other data rates. With
just one crystal the device can adapt to ten (10)
different bit rates so it is ideally suited to be used with
the most common modem systems ranging from V.22
to V.34.
FEATURES
APPLICATION
Implements CCITT recommendation V.14
Bypass operation
Character length from 8 to 11 bits including start
stop and parity bits
CMOS and LS-TTL compatible interface
Low power consumption (typically 10 mW)
No additional circuitry needed to perform conversion
Single +3.3...+5V supply
Operating temperature -40oC to 85oC
16-pin PDIP and SO package
Data communication systems
Adapts asynchronous terminals to synchronous
modems
Full or half card PC modems using UART as a data
source
Simplifying data multiplexing systems
BLOCK DIAGRAM
CL1
CL2
XESR
TMG
OSC
TSL
TXC
TDO
RXC
RDI
XASY
XHST
VSS
VDD
TDI
RDO
CONTROL
O
S
C
ASYNC
TO
SYNC
SYNC
TO
ASYNC
> 1
_
MAS9138


Similar Part No. - MAS9138

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9116 MAS-MAS9116 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116AAHV06 MAS-MAS9116AAHV06 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116AASD06 MAS-MAS9116AASD06 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116AASD08 MAS-MAS9116AASD08 Datasheet
1Mb / 18P
Stereo Digital Volume Control
MAS9116ASBA MAS-MAS9116ASBA Datasheet
1Mb / 18P
Stereo Digital Volume Control
More results

Similar Description - MAS9138

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
Asynchronous Sample Rate Converter
SM8513 NPC-SM8513 Datasheet
329Kb / 13P
Synchronous/Asynchronous Converter LSI
logo
Micro Analog systems
MAS7838 MAS-MAS7838 Datasheet
110Kb / 9P
SYNCHRONOUS TO ASYNCHRONOUS CONVERTER SAC CMOS
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
Asynchronous Sample Rate Converter
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
Asynchronous Sample Rate Converter
logo
LANSDALE Semiconductor ...
ML145428 LANSDALE-ML145428 Datasheet
1Mb / 14P
Asynchronous-to-Synchronous and Synchronous-to-Asynchronous Converter
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
Asynchronous Sample Rate Converter
logo
Richtek Technology Corp...
RT4533 RICHTEK-RT4533 Datasheet
142Kb / 11P
Asynchronous Boost Converter
logo
Major-Power Technology ...
MA2007 MPOWER-MA2007 Datasheet
291Kb / 6P
750KHz Asynchronous Boost Converter
logo
Fitipower Integrated Te...
FR9701 FITIPOWER-FR9701 Datasheet
698Kb / 12P
23V, 2A, 600KHz Asynchronous Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com