Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3021P.. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # K3021P..
Description  Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3021P.. Datasheet(HTML) 5 Page - Vishay Siliconix

  K3021P.. Datasheet HTML 1Page - Vishay Siliconix K3021P.. Datasheet HTML 2Page - Vishay Siliconix K3021P.. Datasheet HTML 3Page - Vishay Siliconix K3021P.. Datasheet HTML 4Page - Vishay Siliconix K3021P.. Datasheet HTML 5Page - Vishay Siliconix K3021P.. Datasheet HTML 6Page - Vishay Siliconix K3021P.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
K3020P, K3020PG Series
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 30-Aug-16
5
Document Number: 83505
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING INFORMATION (in millimeters)
DIP-6
DIP-6, 400 mil
Detail A
200 ± 0.5
125 ± 0.5
150 ± 0.5
Detail B
Detail
A
Detail
B
10°
6°
Section A - B
B
14 x
// 0.2 B
13 x 10 = 130
A
B
–1.0
Not to scale
Transparent rigid PVC
A
17996
260 ± 0.5
330 ± 0.5
528 ± 0.2
30 ± 0.5
0.7 ± 0.5
3 ± 0.5
380 ± 1
12 ± 0.3
6.6 ± 0.3
4.4 ± 0.3
5.7 ± 0.15
11 ± 0.3
0.6 ± 0.1
2.7 ± 0.2
–1.0
1.0
–1.0
–1.0
15912



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com