Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3021P.. Datasheet(PDF) 6 Page - Vishay Siliconix

Part # K3021P..
Description  Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3021P.. Datasheet(HTML) 6 Page - Vishay Siliconix

  K3021P.. Datasheet HTML 1Page - Vishay Siliconix K3021P.. Datasheet HTML 2Page - Vishay Siliconix K3021P.. Datasheet HTML 3Page - Vishay Siliconix K3021P.. Datasheet HTML 4Page - Vishay Siliconix K3021P.. Datasheet HTML 5Page - Vishay Siliconix K3021P.. Datasheet HTML 6Page - Vishay Siliconix K3021P.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
K3020P, K3020PG Series
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 30-Aug-16
6
Document Number: 83505
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SHIPPING INFORMATION
SOLDER PROFILES
Fig. 2 - Wave Soldering Double Wave Profile According to
J-STD-020 for DIP Devices
HANDLING AND STORAGE CONDITIONS
ESD level: HBM class 2
Floor life: unlimited
Conditions: Tamb < 30 °C, RH < 85 %
Moisture sensitivity level 1, according to J-STD-020
DEVICES PER TUBS
TYPE
UNITS/TUBE
TUBES/BOX
UNITS/BOX
DIP-6
50
40
2000
2 K/s
second
wave
first wave
wave
ca. 5 K/s
5 s
full line: typical
dotted line:
process limits
Time (s)
300
250
200
150
100
50
0
050
100
150
200
250
94 8626
Lead temperature
235 °C to
260 °C
100 °C to
130 °C
ca. 200 K/s
forced cooling
ca. 2 K/s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com