Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF250 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASF250
Description  5 ~ 1000 MHz MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASF250 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASF250 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASF250 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASF250 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASF250 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASF250 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASF250 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASF250 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASF250 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASF250
5 ~ 1000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +7 dBm/tone separated by 1 MHz.
0
200
400
600
800
1000
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
200
400
600
800
1000
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
200
400
600
800
1000
0
5
10
15
20
25
Frequency (MHz)
C1=1
F
L1=560 nH
C2=1
F
Vs=5 V
RF IN
RF OUT
C3=100 pF
C4=1
F
ASF250
R1=4.7
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
70
150
300
450
900
Magnitude S21 (dB)
17.0
16.8
16.7
16.5
16.0
Magnitude S11 (dB)
-15
-20
-20
-20
-14
Magnitude S22 (dB)
-16
-20
-20
-20
-13
Output P1dB (dBm)
21
21
21
21
21
Output IP31) (dBm)
39.0
41.5
42.0
39.0
36.5
Noise Figure (dB)
2.4
2.4
2.6
2.6
2.6
Device Voltage (V)
+4.6
+4.6
+4.6
+4.6
+4.6
Device Current (mA)
90
90
90
90
90
IF
50 ~ 1000 MHz
+4.6 V, 90 mA
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com