Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF250 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASF250
Description  5 ~ 1000 MHz MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASF250 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASF250 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASF250 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASF250 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASF250 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASF250 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASF250 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASF250 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASF250 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASF250
5 ~ 1000 MHz MMIC Amplifier
(Supply Voltage = Device Voltage, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
70
150
300
450
900
150
Gain
dB
17.0
16.9
16.7
16.6
16.1
16.8
S11
dB
-15
-20
-20
-20
-14
-20
S22
dB
-16
-20
-20
-19
-13
-20
Output IP3
dBm
40.01)
43.01)
43.01)
40.01)
38.01)
41.52)
Noise Figure
dB
2.5
2.5
2.7
2.7
2.7
2.4
Output P1dB
dBm
22
22
22
22
22
21
Current
mA
98
98
98
98
98
90
Device Voltage
V
+5.0
+5.0
+5.0
+5.0
+5.0
+4.6
1) OIP3 is measured with two tones at an output power of +8 dBm/tone separated by 1 MHz
2) OIP3 is measured with two tones at an output power of +7 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
150
Gain
dB
16.9
S11
dB
-20
S22
dB
-20
Output IP3
dBm
43
Noise Figure
dB
2.5
Output P1dB
dBm
22
Current
mA
98
Device Voltage
V
+5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power (Continuous)1)
+20 dBm
Thermal Resistance
42
C/W
1) Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
16.9 dB Gain at 150 MHz
22 dBm P1dB at 150 MHz
43 dBm Output IP3 at 150 MHz
2.5 dB NF at 150 MHz
MTTF > 100 Years
Single Supply
Minimal External Components
Absolute Maximum Ratings
The ASF250, a IF gain block amplifier MMIC, has a
high linearity, high gain, and high efficiency over a
wide range of frequency, being suitable for use in
both receiver and transmitter of telecommunication
systems up to 1 GHz. It has an active bias network
for stable current over temperature and process
variation. The amplifier is available in a SOT89
package and passes through the stringent DC, RF,
and reliability tests.
Product Specifications
ASF250
Package Style: SOT89
Application Circuit
 IF (50 ~ 1000 MHz, 5 V)
 IF (50 ~ 1000 MHz, 4.6 V, 90 mA)
 IF (350 ~ 470 MHz, 5V)
 IF (100 ~ 200 MHz, 5V)
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias


Similar Part No. - ASF250

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASF250 ASB-ASF250 Datasheet
338Kb / 5P
5-1000 MHz MMIC Amplifier
October 2012
More results

Similar Description - ASF250

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL033 ASB-ASL033 Datasheet
901Kb / 17P
5-4000 MHz MMIC Amplifier
January 2012
AST11L ASB-AST11L Datasheet
488Kb / 7P
5-3500 MHz MMIC Amplifier
February 2010
ASW135 ASB-ASW135 Datasheet
341Kb / 5P
5-4000 MHz MMIC Amplifier
July 2011
ASW208 ASB-ASW208 Datasheet
697Kb / 11P
5-6000 MHz MMIC Amplifier
August 2012
ASF240 ASB-ASF240 Datasheet
372Kb / 6P
5-1000 MHz MMIC Amplifier
September 2011
ASF250 ASB-ASF250 Datasheet
338Kb / 5P
5-1000 MHz MMIC Amplifier
October 2012
ASF255 ASB-ASF255 Datasheet
433Kb / 6P
5-3000 MHz MMIC Amplifier
September 2012
ASW335 ASB-ASW335 Datasheet
905Kb / 16P
5 ~ 4000 MHz MMIC Amplifier
January 2014
AWB207 ASB-AWB207 Datasheet
687Kb / 9P
5 ~ 4000 MHz MMIC Amplifier
October 2013
ASF240 ASB-ASF240_17 Datasheet
537Kb / 8P
5 ~ 1000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com