Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL425 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL425
Description  200 ~ 4000 MHz MMIC Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL425 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL425 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASL425
200 ~ 4000 MHz MMIC Amplifier
(Supply Voltage = +5 V, TA = +25 C, Z0 = 50 )
1) OIP3 measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
2) OIP3 measured with two tones at an output power of +13 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ.
Max
Testing Frequency
MHz
1950
Gain
dB
22.0
S11
dB
-13
S22
dB
-15
Output IP3
dBm
47
Noise Figure
dB
1.4
Output P1dB
dBm
29.5
Current
mA
350
Device Voltage
V
+5
* 100% in-house DC & RF testing is done on packaged products before taping.
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)*
+23 dBm
Thermal Resistance
28
C/W
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Parameters
Units
Typical
Frequency
MHz
900
1950
2300
2700
Gain
dB
34.0
22.0
20.0
17.5
S11
dB
-14
-13
-11
-9
S22
dB
-14
-15
-15
-17
Output IP3
dBm
451)
472)
462)
452)
Noise Figure
dB
1.0
1.4
1.5
2.1
Output P1dB
dBm
29.0
29.5
29.5
28.5
Current
mA
350
350
350
350
Device Voltage
V
+5
+5
+5
+5
Features
Description
Typical Performance
Absolute Maximum Ratings
22 dB Gain at 1950 MHz
29.5 dBm P1dB at 1950 MHz
47 dBm Output IP3 at 1950 MHz
MTTF > 100 Years
Two Power Supplies
The ASL425, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication
systems up to 4 GHz. The amplifier is available in
a SOIC8 package and passes through the strin-
gent DC, RF, and reliability tests.
Product Specifications*
ASL425
Package Style: SOIC8
Pin Configuration
Pin No.
Function
1
2nd stage RF IN
2
1st stage RF OUT
3,5,8
GND
4
1st stage RF IN
6,7
2nd stage RF OUT
Application Circuit
206.5 MHz
TETRA
CDMA
WCDMA
2300 ~ 2700 MHz


Similar Part No. - ASL425

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL425 ASB-ASL425 Datasheet
659Kb / 11P
200-4000 MHz MMIC Amplifier
January 2011
More results

Similar Description - ASL425

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL033 ASB-ASL033 Datasheet
901Kb / 17P
5-4000 MHz MMIC Amplifier
January 2012
ASL425 ASB-ASL425 Datasheet
659Kb / 11P
200-4000 MHz MMIC Amplifier
January 2011
ASW135 ASB-ASW135 Datasheet
341Kb / 5P
5-4000 MHz MMIC Amplifier
July 2011
ASW215 ASB-ASW215 Datasheet
463Kb / 7P
5-4000 MHz MMIC Amplifier
February 2010
ASW338 ASB-ASW338 Datasheet
790Kb / 10P
5-4000 MHz MMIC Amplifier
April 2012
ASW318 ASB-ASW318 Datasheet
1Mb / 23P
5 ~ 4000 MHz MMIC Amplifier
December 2014
ASW335 ASB-ASW335 Datasheet
905Kb / 16P
5 ~ 4000 MHz MMIC Amplifier
January 2014
AWB207 ASB-AWB207 Datasheet
687Kb / 9P
5 ~ 4000 MHz MMIC Amplifier
October 2013
AWB389 ASB-AWB389 Datasheet
441Kb / 6P
5 ~ 4000 MHz MMIC Amplifier
December 2013
AWB389 ASB-AWB389_17 Datasheet
566Kb / 7P
5 ~ 4000 MHz MMIC Amplifier
April 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com