Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL425 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASL425
Description  200 ~ 4000 MHz MMIC Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL425 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASL425 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL425 Datasheet HTML 14Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASL425
200 ~ 4000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +13 dBm/tone sep-
arated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
LTE
2300 ~ 2700 MHz
+5 V
Frequency (MHz)
2300
2500
2700
Magnitude S21 (dB)
20.0
19.5
17.5
Magnitude S11 (dB)
-11
-20
-9
Magnitude S22 (dB)
-15
-15
-17
Output P1dB (dBm)
29.5
30.0
28.5
Output IP31) (dBm)
46
45
45
Noise Figure (dB)
1.5
1.6
2.1
Device Voltage (V)
+5
+5
+5
Current (mA)
350
350
350
C1=100 pF
Vcc=5 V
RF IN
RF OUT
C7=100 pF
ASL425
D1=5.6V
Zener Diode
L1=39 nH
(Coil Inductor)
C2=100 pF
C5=2.7 pF
L3=18 nH
C6=0.75 pF
C8=1
F
C9=100pF
C10=1
F
L2=18 nH
C4=1.5 pF
1.5 mm
C3=0.75
pF
R1=8.2
R2=6.2
k
2000
2200
2400
2600
2800
3000
0
5
10
15
20
25
Frequency (MHz)
2000
2200
2400
2600
2800
3000
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
2000
2200
2400
2600
2800
3000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com