Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX403 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASX403
Description  400 ~ 3000 MHz MMIC Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX403 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASX403 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX403
400 ~ 3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +10 dBm/tone sep-
arated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
CDMA & GSM
900 MHz
+3.3 V
Frequency (MHz)
900
Magnitude S21 (dB)
16.5
Magnitude S11 (dB)
-15
Magnitude S22 (dB)
-6
Output P1dB (dBm)
30
Output IP31) (dBm)
38
Noise Figure (dB)
4.7
Device Voltage (V)
+3.3
Current (mA)
620
600
700
800
900
1000
1100
1200
0
5
10
15
20
25
Frequency (MHz)
600
700
800
900
1000
1100
1200
-25
-20
-15
-10
-5
0
Frequency (MHz)
600
700
800
900
1000
1100
1200
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
C1=100 pF
Vs=3.3 V
RF IN
RF OUT
C6=100 pF
ASX403
L1=68 nH
(Coil Inductor)
C2=100 pF
C7=1
F
C3=9 pF
C4=8 pF
R1=18
L2=1.8 nH
L3=1.2 nH
R2=3.9 k
C5=1.2 pF
VCTL=3.3 V
Hi: ON
Low: OFF (Power Save)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com