Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX403 Datasheet(PDF) 6 Page - Advanced Semiconductor Business Inc.

Part # ASX403
Description  400 ~ 3000 MHz MMIC Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX403 Datasheet(HTML) 6 Page - Advanced Semiconductor Business Inc.

  ASX403 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX403 Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX403
400 ~ 3000 MHz MMIC Amplifier
Performance with varying VCTL
VCTL
(V)
Current
(mA)
Freq.
(MHz)
Gain
(dB)
S11
(dB)
S22
(dB)
OIP3
(dBm)
P1dB
(dBm)
NF
(dB)
+3.3
620
900
16.9
-16.6
-6.2
39.0
30.2
4.6
+3.2
539
16.8
-16.0
-6.4
37.7
30.2
4.36
+3.1
455
16.7
-15.4
-6.5
35.3
30.3
4.08
+3.0
371
16.6
-14.6
-6.8
33.1
30.3
3.77
+2.9
286
16.4
-13.6
-7.1
30.8
30.4
3.43
+2.8
204
16.1
-12.2
-7.5
27.8
30.4
3.1
+3.3
620
2000
11.5
-25.1
-9.9
39.2
29.6
4.42
+3.2
540
11.4
-26.1
-10.0
37.2
29.8
4.24
+3.1
459
11.3
-27.3
-10.2
33.6
29.9
3.95
+3.0
378
11.2
-28.9
-10.3
33.3
30.0
3.66
+2.9
295
11.1
-30.3
-10.5
32.1
30.0
3.37
+2.8
214
10.9
-29.6
-10.6
30.5
30.0
3.02



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com