Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX415 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASX415
Description  250 ~ 4000 MHz MMIC Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX415 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASX415 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4/18
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX415
250 ~ 4000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +7 dBm/tone @ +5.30 V,
+6 dBm/tone @ +5.00 V, +4 dBm/tone @ +4.75 V separated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
CDMA Rx
824 ~ 849 MHz
+5.30 V, +5.00 V, +4.75 V
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
600
700
800
900
1000
1100
1200
0
5
10
15
20
25
Frequency (MHz)
-40
oc
25
oc
85
oc
600
700
800
900
1000
1100
1200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
600
700
800
900
1000
1100
1200
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
Frequency (MHz)
824 ~ 849
Magnitude S21 (dB)
20.3
20.0
19.8
Magnitude S11 (dB)
-15
-15
-14
Magnitude S22 (dB)
-12
-12
-12
Output P1dB (dBm)
28.5
28.5
28.0
Output IP31) (dBm)
45
41
35
Noise Figure (dB)
5.2
4.4
4.2
Device Voltage (V)
+5.30
+5.00
+4.75
Current (mA)
185
155
123
C1=100 pF
C2=100 pF
Vcc=5 V
RF IN
RF OUT
C5=100pF
C6=1
F
ASX415
D1=5.6V
Zener Diode
C3=7.5 pF
C4=4.7 pF
L1=68 nH
(Coil Inductor)
L2=8.2 nH
L3=3.3 nH
APPLICATION CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com