Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX415 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX415
Description  250 ~ 4000 MHz MMIC Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX415 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX415 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX415
250 ~ 4000 MHz MMIC Amplifier
4
(Supply Voltage = Device Voltage, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
900
2000
2000
2000
2600
Gain
dB
20.0
14.5
14.3
14.0
11.5
S11
dB
-14
-7
-7
-7
-7
S22
dB
-13
-11
-11
-11
-10
Output IP31)
dBm
42.5
46.0
42.0
40.0
37.0
Noise Figure
dB
4.2
5.6
4.6
4.1
4.2
Output P1dB
dBm
29.0
29.0
27.0
26.5
29.0
Current
mA
155
185
155
123
155
Device Voltage
V
+5.00
+5.30
+5.00
+4.75
+5.00
1) OIP3 is measured with two tones at an output power of +8 dBm/tone @ +5.30 V, +6 dBm/tone @ +5.00 V, +4 dBm/tone @ +4.75 V
separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
13.5
14.3
S11
dB
-9
S22
dB
-11
Output IP3
dBm
40
42
Noise Figure
dB
4.6
Output P1dB
dBm
26.5
27.0
Current
mA
140
155
170
Device Voltage
V
+5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power (Continuous)*
+22 dBm
Thermal Resistance
24
C/W
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
Absolute Maximum Ratings
14 dB Gain at 2000 MHz
27 dBm P1dB at 2000 MHz
42 dBm OIP3 at 2000 MHz
ACLR @ WCDMA 4FA: -51 dBc
@ Pout = +13 dBm, +/- 5 MHz offset
MTTF > 100 Years
Single Supply
The ASX415, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication sys-
tems up to 4 GHz. The amplifier is available in a
SOT89 package and passes through the stringent
DC, RF, and reliability tests.
Application Circuit
IF (433 ~ 444 MHz)
CDMA
Satellite Phone
WCDMA
WiMAX
LTE (2300 ~ 2700 MHz)
Product Specifications
ASX415
Package Style: SOT89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT / Bias


Similar Part No. - ASX415

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX415 ASB-ASX415 Datasheet
1Mb / 16P
The ASX415, a power amplifier MMIC
May 2012
More results

Similar Description - ASX415

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL033 ASB-ASL033 Datasheet
901Kb / 17P
5-4000 MHz MMIC Amplifier
January 2012
ASW135 ASB-ASW135 Datasheet
341Kb / 5P
5-4000 MHz MMIC Amplifier
July 2011
ASW215 ASB-ASW215 Datasheet
463Kb / 7P
5-4000 MHz MMIC Amplifier
February 2010
ASW338 ASB-ASW338 Datasheet
790Kb / 10P
5-4000 MHz MMIC Amplifier
April 2012
ASW318 ASB-ASW318 Datasheet
1Mb / 23P
5 ~ 4000 MHz MMIC Amplifier
December 2014
ASW335 ASB-ASW335 Datasheet
905Kb / 16P
5 ~ 4000 MHz MMIC Amplifier
January 2014
AWB207 ASB-AWB207 Datasheet
687Kb / 9P
5 ~ 4000 MHz MMIC Amplifier
October 2013
AWB389 ASB-AWB389 Datasheet
441Kb / 6P
5 ~ 4000 MHz MMIC Amplifier
December 2013
AWB389 ASB-AWB389_17 Datasheet
566Kb / 7P
5 ~ 4000 MHz MMIC Amplifier
April 2017
ASL425 ASB-ASL425_17 Datasheet
1Mb / 14P
200 ~ 4000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com