Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX423 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX423
Description  100 ~ 4500 MHz MMIC Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX423 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX423 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX423 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX423
100 ~ 4500 MHz MMIC Amplifier
(Supply Voltage = Device Voltage, TA = +25 C, Z0 = 50 )
1) OIP3 measured with two tones at an output power of +11 dBm/tone separated by 1 MHz.
2) OIP3 measured with two tones at an output power of +13 dBm/tone separated by 1 MHz.
3) OIP3 measured with two tones at an output power of +12 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
900
Gain
dB
32.0
32.5
S11
dB
-13
S22
dB
-15
Output IP3
dBm
42
45
Noise Figure
dB
2.4
2.6
Output P1dB
dBm
29
30
Current
mA
360
400
460
Device Voltage
V
+5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
matched)1)
+23 dBm
Thermal Resistance
27
C/W
1) Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Parameters
Units
Typical
Frequency
MHz
900
2000
2300
2700
Gain
dB
32.5
22.5
20.5
17.0
S11
dB
-13
-11
-13
-14
S22
dB
-15
-18
-14
-13
Output IP3
dBm
451)
472)
453)
453)
Noise Figure
dB
2.4
2.6
2.9
3.2
Output P1dB
dBm
30.0
29.5
30.0
29.5
Current
mA
400
400
400
400
Device Voltage
V
+5
+5
+5
+5
Features
Description
Typical Performance
Absolute Maximum Ratings
32.5 dB Gain at 900 MHz
30 dBm P1dB at 900 MHz
45 dBm Output IP3 at 900 MHz
MTTF > 100 Years
Two Power Supplies
The ASX423, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication
systems up to 4.5 GHz. The amplifier is available
in a SOIC8 package and passes through the
stringent DC, RF, and reliability tests.
Application Circuit
IF (150 MHz)
IF (340 MHz)
TETRA
CDMA
RFID (USA)
PCS
WCDMA
WLAN & WiMAX
(2300 ~ 2700 MHz)
C-Band (4300 ~ 4500 MHz)
Product Specifications
ASX423
Package Style: SOIC8
Pin Configuration
Pin No.
Function
1
2nd stage RF IN
2
1st stage RF OUT
3,5,8
GND
4
1st stage RF IN
6,7
2nd stage RF OUT


Similar Part No. - ASX423

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX423 ASB-ASX423 Datasheet
681Kb / 11P
100-4500 MHz MMIC Amplifier
September 2011
More results

Similar Description - ASX423

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-5389 ETC-SGA-5389 Datasheet
443Kb / 5P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-6289 ETC-SGA-6289 Datasheet
475Kb / 5P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-6486 ETC-SGA-6486 Datasheet
271Kb / 4P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-6486 STANFORD-SGA-6486 Datasheet
441Kb / 5P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4486 SIRENZA-SGA-4486 Datasheet
89Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6486 SIRENZA-SGA-6486 Datasheet
95Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4386 SIRENZA-SGA-4386 Datasheet
84Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6289 SIRENZA-SGA-6289 Datasheet
96Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6389 SIRENZA-SGA-6389 Datasheet
93Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Advanced Semiconductor ...
ASX423 ASB-ASX423 Datasheet
681Kb / 11P
100-4500 MHz MMIC Amplifier
September 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com