Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX501 Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASX501
Description  250 ~ 2500 MHz MMIC Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX501 Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASX501 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 15Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX501
250 ~ 2500 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +13
dBm/tone separated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
PCS Tx
1840 ~ 1870 MHz
+5 V
Frequency (MHz)
1840 ~ 1870
Magnitude S21 (dB)
11.5
Magnitude S11 (dB)
-16
Magnitude S22 (dB)
-18
Output P1dB (dBm)
31
Output IP31) (dBm)
47
Noise Figure (dB)
4.6
Device Voltage (V)
+5
Current (mA)
560
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
1600
1700
1800
1900
2000
2100
-25
-20
-15
-10
-5
0
Frequency (MHz)
1600
1700
1800
1900
2000
2100
0
5
10
15
20
Frequency (MHz)
1600
1700
1800
1900
2000
2100
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
C1=56 pF
C2=56 pF
Vcc=5 V
RF IN
RF OUT
C5=100pF
C6=1
F
ASX501
D1=5.6V
Zener Diode
C3=3.9 pF
C4=2.7 pF
L1=39 nH
(Coil Inductor)
2.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com