Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX501 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX501
Description  250 ~ 2500 MHz MMIC Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX501 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX501 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX501 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX501
250 ~ 2500 MHz MMIC Amplifier
(Supply Voltage = Device Voltage, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Typical
Frequency
MHz
900
2000
900
2000
Gain
dB
18.0
11.5
18.0
11.5
S11
dB
-16
-15
-16
-15
S22
dB
-17
-13
-17
-13
Output IP3
dBm
471)
472)
441)
442)
Noise Figure
dB
4.7
5.0
4.7
5.0
Output P1dB
dBm
31.5
31.0
31.5
31
Current
mA
560
560
457
457
Device Voltage
V
+5
+5
+4.7
+4.7
1) OIP3 measured with two tones at an output power of +12 dBm/tone separated by 1 MHz.
2) OIP3 measured with two tones at an output power of +15 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
900
Gain
dB
18.0
18.0
S11
dB
-16
S22
dB
-17
Output IP3
dBm
46
47
Noise Figure
dB
4.7
4.8
Output P1dB
dBm
29.5
31.5
Current
mA
520
560
600
Device Voltage
V
+5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)1)
+25 dBm
Thermal Resistance
23
C/W
1) Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Absolute Maximum Ratings
18dB Gain at 900 MHz
31.5 dBm P1dB at 900 MHz
47 dBm Output IP3 at 900 MHz
MTTF > 100 Years
Single Supply
The ASX501, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication
systems up to 2.5 GHz. The amplifier is available
in a SOT89 package and passes through the strin-
gent DC, RF, and reliability tests.
Application Circuit
IF (450 ~ 470 MHz)
LTE
CDMA
GSM
PCS
WCDMA
RFID
(908 ~ 923 MHz, balanced)
Typical Performance
Product Specifications
ASX501
Package Style: SOT89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT / Bias


Similar Part No. - ASX501

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX501 ASB-ASX501 Datasheet
804Kb / 14P
250-2500 MHz MMIC Amplifier
September 2010
More results

Similar Description - ASX501

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65009 SKYWORKS-SKY65009 Datasheet
402Kb / 13P
250 - 2500 MHz Linear Power Amplifier Driver
logo
Advanced Semiconductor ...
ASX501 ASB-ASX501 Datasheet
804Kb / 14P
250-2500 MHz MMIC Amplifier
September 2010
ASX520 ASB-ASX520 Datasheet
591Kb / 9P
250-3000 MHz MMIC Amplifier
February 2010
ASX521 ASB-ASX521 Datasheet
907Kb / 12P
250-3000 MHz MMIC Amplifier
February 2010
ASX601 ASB-ASX601 Datasheet
759Kb / 13P
250-2500 MHz MMIC Amplifier
December 2010
ASX201 ASB-ASX201 Datasheet
512Kb / 21P
250 ~ 5000 MHz MMIC Amplifier
September 2013
ASX201 ASB-ASX201_17 Datasheet
1Mb / 22P
250 ~ 5000 MHz MMIC Amplifier
February 2017
ASX521 ASB-ASX521_17 Datasheet
1Mb / 13P
250 ~ 3000 MHz MMIC Amplifier
February 2017
ASX601 ASB-ASX601_17 Datasheet
1Mb / 15P
250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX621 ASB-ASX621_17 Datasheet
1Mb / 12P
250 ~ 3000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com