Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1313 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S1313
Description  SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1313 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S1313 Datasheet HTML 4Page - Seiko Instruments Inc S1313 Datasheet HTML 5Page - Seiko Instruments Inc S1313 Datasheet HTML 6Page - Seiko Instruments Inc S1313 Datasheet HTML 7Page - Seiko Instruments Inc S1313 Datasheet HTML 8Page - Seiko Instruments Inc S1313 Datasheet HTML 9Page - Seiko Instruments Inc S1313 Datasheet HTML 10Page - Seiko Instruments Inc S1313 Datasheet HTML 11Page - Seiko Instruments Inc S1313 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1313 Series
Rev.2.1_00
8
4. 4 S-1313 Series D type
ON / OFF logic:
Active "H"
Discharge shunt function:
Unavailable
Constant current source pull-down: Unavailable
Table 6
Output Voltage
SOT-23-5
SC-82AB
HSNT-4 (1010)
HSNT-4 (0808)
1.0 V
± 15 mV
S-1313D10-M5T1U3
S-1313D10-N4T1U3
S-1313D10-A4T2U3
S-1313D10-A4T1U3
1.1 V
± 15 mV
S-1313D11-M5T1U3
S-1313D11-N4T1U3
S-1313D11-A4T2U3
S-1313D11-A4T1U3
1.2 V
± 15 mV
S-1313D12-M5T1U3
S-1313D12-N4T1U3
S-1313D12-A4T2U3
S-1313D12-A4T1U3
1.3 V
± 15 mV
S-1313D13-M5T1U3
S-1313D13-N4T1U3
S-1313D13-A4T2U3
S-1313D13-A4T1U3
1.4 V
± 15 mV
S-1313D14-M5T1U3
S-1313D14-N4T1U3
S-1313D14-A4T2U3
S-1313D14-A4T1U3
1.5 V
± 1.0%
S-1313D15-M5T1U3
S-1313D15-N4T1U3
S-1313D15-A4T2U3
S-1313D15-A4T1U3
1.6 V
± 1.0%
S-1313D16-M5T1U3
S-1313D16-N4T1U3
S-1313D16-A4T2U3
S-1313D16-A4T1U3
1.7 V
± 1.0%
S-1313D17-M5T1U3
S-1313D17-N4T1U3
S-1313D17-A4T2U3
S-1313D17-A4T1U3
1.8 V
± 1.0%
S-1313D18-M5T1U3
S-1313D18-N4T1U3
S-1313D18-A4T2U3
S-1313D18-A4T1U3
1.85 V
± 1.0%
S-1313D1J-M5T1U3
S-1313D1J-N4T1U3
S-1313D1J-A4T2U3
S-1313D1J-A4T1U3
1.9 V
± 1.0%
S-1313D19-M5T1U3
S-1313D19-N4T1U3
S-1313D19-A4T2U3
S-1313D19-A4T1U3
2.0 V
± 1.0%
S-1313D20-M5T1U3
S-1313D20-N4T1U3
S-1313D20-A4T2U3
S-1313D20-A4T1U3
2.1 V
± 1.0%
S-1313D21-M5T1U3
S-1313D21-N4T1U3
S-1313D21-A4T2U3
S-1313D21-A4T1U3
2.2 V
± 1.0%
S-1313D22-M5T1U3
S-1313D22-N4T1U3
S-1313D22-A4T2U3
S-1313D22-A4T1U3
2.3 V
± 1.0%
S-1313D23-M5T1U3
S-1313D23-N4T1U3
S-1313D23-A4T2U3
S-1313D23-A4T1U3
2.4 V
± 1.0%
S-1313D24-M5T1U3
S-1313D24-N4T1U3
S-1313D24-A4T2U3
S-1313D24-A4T1U3
2.5 V
± 1.0%
S-1313D25-M5T1U3
S-1313D25-N4T1U3
S-1313D25-A4T2U3
S-1313D25-A4T1U3
2.6 V
± 1.0%
S-1313D26-M5T1U3
S-1313D26-N4T1U3
S-1313D26-A4T2U3
S-1313D26-A4T1U3
2.7 V
± 1.0%
S-1313D27-M5T1U3
S-1313D27-N4T1U3
S-1313D27-A4T2U3
S-1313D27-A4T1U3
2.8 V
± 1.0%
S-1313D28-M5T1U3
S-1313D28-N4T1U3
S-1313D28-A4T2U3
S-1313D28-A4T1U3
2.85 V
± 1.0%
S-1313D2J-M5T1U3
S-1313D2J-N4T1U3
S-1313D2J-A4T2U3
S-1313D2J-A4T1U3
2.9 V
± 1.0%
S-1313D29-M5T1U3
S-1313D29-N4T1U3
S-1313D29-A4T2U3
S-1313D29-A4T1U3
3.0 V
± 1.0%
S-1313D30-M5T1U3
S-1313D30-N4T1U3
S-1313D30-A4T2U3
S-1313D30-A4T1U3
3.1 V
± 1.0%
S-1313D31-M5T1U3
S-1313D31-N4T1U3
S-1313D31-A4T2U3
S-1313D31-A4T1U3
3.2 V
± 1.0%
S-1313D32-M5T1U3
S-1313D32-N4T1U3
S-1313D32-A4T2U3
S-1313D32-A4T1U3
3.3 V
± 1.0%
S-1313D33-M5T1U3
S-1313D33-N4T1U3
S-1313D33-A4T2U3
S-1313D33-A4T1U3
3.4 V
± 1.0%
S-1313D34-M5T1U3
S-1313D34-N4T1U3
S-1313D34-A4T2U3
S-1313D34-A4T1U3
3.5 V
± 1.0%
S-1313D35-M5T1U3
S-1313D35-N4T1U3
S-1313D35-A4T2U3
S-1313D35-A4T1U3
Remark Please contact our sales office for products with specifications other than the above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com