Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1313 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S1313
Description  SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1313 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S1313 Datasheet HTML 9Page - Seiko Instruments Inc S1313 Datasheet HTML 10Page - Seiko Instruments Inc S1313 Datasheet HTML 11Page - Seiko Instruments Inc S1313 Datasheet HTML 12Page - Seiko Instruments Inc S1313 Datasheet HTML 13Page - Seiko Instruments Inc S1313 Datasheet HTML 14Page - Seiko Instruments Inc S1313 Datasheet HTML 15Page - Seiko Instruments Inc S1313 Datasheet HTML 16Page - Seiko Instruments Inc S1313 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_00
S-1313 Series
13
Electrical Characteristics
Table 13
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = VOUT(S)
+ 1.0 V,
IOUT = 30 mA
1.0 V
≤ VOUT(S) < 1.5 V
VOUT(S)
− 0.015
VOUT(S)
VOUT(S)
+ 0.015
V
1
1.5 V
≤ VOUT(S) ≤ 3.5 V
VOUT(S)
× 0.99
VOUT(S)
VOUT(S)
× 1.01
V
1
Output current
*2
IOUT
VIN
≥ VOUT(S) + 1.0 V
1.0 V
≤ VOUT(S) < 1.1 V 100
*5
−
−
mA
3
1.1 V
≤ VOUT(S) < 1.2 V 125
*5
−
−
mA
3
1.2 V
≤ VOUT(S) < 1.3 V 150
*5
−
−
mA
3
1.3 V
≤ VOUT(S) < 1.4 V 175
*5
−
−
mA
3
1.4 V
≤ VOUT(S) ≤ 3.5 V
200
*5
−
−
mA
3
Dropout voltage
*3
Vdrop
IOUT = 100 mA
1.0 V
≤ VOUT(S) < 1.1 V
0.50
0.76
1.55
V
1
1.1 V
≤ VOUT(S) < 1.2 V
−
0.67
1.39
V
1
1.2 V
≤ VOUT(S) < 1.3 V
−
0.58
1.25
V
1
1.3 V
≤ VOUT(S) < 1.4 V
−
0.49
1.11
V
1
1.4 V
≤ VOUT(S) < 1.5 V
−
0.43
0.99
V
1
1.5 V
≤ VOUT(S) < 1.7 V
−
0.37
0.85
V
1
1.7 V
≤ VOUT(S) < 1.8 V
−
0.31
0.68
V
1
1.8 V
≤ VOUT(S) < 2.0 V
−
0.27
0.58
V
1
2.0 V
≤ VOUT(S) < 2.5 V
−
0.23
0.49
V
1
2.5 V
≤ VOUT(S) < 2.8 V
−
0.18
0.38
V
1
2.8 V
≤ VOUT(S) < 3.0 V
−
0.17
0.33
V
1
3.0 V
≤ VOUT(S) ≤ 3.5 V
−
0.16
0.32
V
1
Line regulation
OUT
IN
OUT1
V
V
V
•
Δ
Δ
VOUT(S)
+ 0.5 V ≤ VIN ≤ 5.5 V,
IOUT = 1
μA
1.0 V
≤ VOUT(S) ≤ 3.5 V
−
0.05
0.2
%/V
1
VOUT(S)
+ 0.5 V ≤ VIN ≤ 5.5 V,
IOUT = 30 mA
1.0 V
≤ VOUT(S) < 1.1 V
−
0.07
2.0
%/V
1
1.1 V
≤ VOUT(S) < 1.2 V
−
0.06
1.0
%/V
1
1.2 V
≤ VOUT(S) ≤ 3.5 V
−
0.05
0.2
%/V
1
Load regulation
ΔVOUT2
VIN = VOUT(S)
+ 1.0 V,
1
μA ≤ IOUT ≤ 100 mA
1.0 V
≤ VOUT(S) ≤ 3.5 V
−
20
40
mV
1
VIN = VOUT(S)
+ 1.0 V,
100
μA ≤ IOUT ≤ 200 mA
1.0 V
≤ VOUT(S) < 1.1 V
−
40
640
mV
1
1.1 V
≤ VOUT(S) < 1.2 V
−
40
400
mV
1
1.2 V
≤ VOUT(S) < 1.3 V
−
40
160
mV
1
1.3 V
≤ VOUT(S) < 1.4 V
−
40
80
mV
1
1.4 V
≤ VOUT(S) ≤ 3.5 V
−
40
80
mV
1
Output voltage temperature coefficient
*4
OUT
OUT
V
Ta
V
•
Δ
Δ
VIN = VOUT(S)
+ 1.0 V, IOUT = 30 mA,
−40°C ≤ Ta ≤ +85°C
−
±130
−
ppm/
°C1
Current consumption during operation
ISS1
VIN = VOUT(S)
+ 1.0 V, ON / OFF pin = ON, no load
−
0.9
1.35
μA
2
Current consumption during power-off
ISS2
VIN = VOUT(S)
+ 1.0 V, ON / OFF pin = OFF, no load
−
0.01
0.1
μA
2
Input voltage
VIN
−
1.5
−
5.5
V
−
ON / OFF pin input voltage "H"
VSH
VIN = VOUT(S)
+ 1.0 V, RL = 1.0 kΩ,
determined by VOUT output level
1.0
−
−
V
4
ON / OFF pin input voltage "L"
VSL
VIN = VOUT(S)
+ 1.0 V, RL = 1.0 kΩ,
determined by VOUT output level
−
−
0.25
V
4
ON / OFF pin input current "H"
ISH
VIN = 5.5 V,
VON/OFF = 5.5 V
B / D type (without constant current source pull-down)
−0.1
−
0.1
μA
4
A / C type (with constant current source pull-down)
0.05
0.1
0.2
μA
4
ON / OFF pin input current "L"
ISL
VIN = 5.5 V, VON / OFF = 0 V
−0.1
−
0.1
μA
4
Short-circuit current
Ishort
VIN = VOUT(S)
+ 1.0 V, ON / OFF pin = ON, VOUT = 0 V
−
50
−
mA
3
Thermal shutdown detection
temperature
TSD
Junction temperature
−
150
−
°C
−
Thermal shutdown release temperature
TSR
Junction temperature
−
120
−
°C
−
"L" output Nch ON resistance
RLOW
VOUT = 0.1 V,
VIN = 5.5 V
A / B type
(with discharge shunt function)
−
35
−
Ω
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com