Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843023 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS843023
Description  3.3V, 250MHZ LVPECL CLOCK GENERATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843023 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS843023 Datasheet HTML 1Page - Integrated Circuit Systems ICS843023 Datasheet HTML 2Page - Integrated Circuit Systems ICS843023 Datasheet HTML 3Page - Integrated Circuit Systems ICS843023 Datasheet HTML 4Page - Integrated Circuit Systems ICS843023 Datasheet HTML 5Page - Integrated Circuit Systems ICS843023 Datasheet HTML 6Page - Integrated Circuit Systems ICS843023 Datasheet HTML 7Page - Integrated Circuit Systems ICS843023 Datasheet HTML 8Page - Integrated Circuit Systems ICS843023 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
843023AG
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 30, 2004
2
Integrated
Circuit
Systems, Inc.
ICS843023
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 250MHZ LVPECL CLOCK GENERATOR
PRELIMINARY
TABLE 2. PIN CHARACTERISTICS
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
6
,
1V
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
3
,
2
,
T
U
O
_
L
A
T
X
N
I
_
L
A
T
X
t
u
p
n
I
.
t
u
p
t
u
o
e
h
t
s
i
T
U
O
_
L
A
T
X
,
t
u
p
n
i
e
h
t
s
i
N
I
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
4V
E
E
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
5E
Ot
u
p
n
Ip
u
ll
u
P
d
n
a
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
e
l
b
a
n
e
t
u
p
t
u
o
h
g
i
h
e
v
i
t
c
A
h
g
i
h
a
n
i
e
r
a
d
n
a
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
e
v
i
t
c
a
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
e
t
a
t
s
e
c
n
a
d
e
p
m
i
8
,
70
Q
,
0
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
s
t
u
p
t
u
o
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
D
p
u
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
s
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com