Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843023 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS843023
Description  3.3V, 250MHZ LVPECL CLOCK GENERATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843023 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS843023 Datasheet HTML 1Page - Integrated Circuit Systems ICS843023 Datasheet HTML 2Page - Integrated Circuit Systems ICS843023 Datasheet HTML 3Page - Integrated Circuit Systems ICS843023 Datasheet HTML 4Page - Integrated Circuit Systems ICS843023 Datasheet HTML 5Page - Integrated Circuit Systems ICS843023 Datasheet HTML 6Page - Integrated Circuit Systems ICS843023 Datasheet HTML 7Page - Integrated Circuit Systems ICS843023 Datasheet HTML 8Page - Integrated Circuit Systems ICS843023 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
843023AG
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 30, 2004
1
Integrated
Circuit
Systems, Inc.
ICS843023
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 250MHZ LVPECL CLOCK GENERATOR
PRELIMINARY
GENERAL DESCRIPTION
The ICS843023 is a Gigabit Ethernet Clock
Generator and a member of the HiPerClocksTM
family of high performance devices from ICS. The
ICS843023 uses a 25MHz crystal to synthesize
250MHz.The ICS843023 has excellent phase jitter
performance, over the 1.875MHz – 20MHz integration range.
The ICS843023 is packaged in a small 8-pin TSSOP, making it
ideal for use in systems with limited board space.
FEATURES
• 1 differential 3.3V LVPECL output
• Crystal oscillator interface designed for 25MHz,
18pF parallel resonant crystal
• Maximum output frequency: 250MHz, using a 25MHz crystal
• VCO range: 490MHz - 640MHz
• RMS phase jitter @ 250MHz, using a 25MHz crystal
(12KHz - 20MHz): 0.33ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
HiPerClockS™
ICS
ICS843023
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm package body
G Package
Top View
VCC
XTAL_OUT
XTAL_IN
VEE
1
2
3
4
Q0
nQ0
VCC
OE
8
7
6
5
BLOCK DIAGRAM
PIN ASSIGNMENT
OSC
Phase
Detector
VCO
÷2
(fixed)
÷20
(fixed)
XTAL_IN
XTAL_OUT
Q0
nQ0
25MHz
OE
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS843023

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843023AGI ICST-ICS843023AGI Datasheet
196Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JUNE 29, 2005
ICS843023AGILF ICST-ICS843023AGILF Datasheet
196Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JUNE 29, 2005
ICS843023AGILFT ICST-ICS843023AGILFT Datasheet
196Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JUNE 29, 2005
ICS843023AGIT ICST-ICS843023AGIT Datasheet
196Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JUNE 29, 2005
ICS843023I ICST-ICS843023I Datasheet
196Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JUNE 29, 2005
More results

Similar Description - ICS843023

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A NOVEMBER 29, 2004
logo
List of Unclassifed Man...
ICS87354I ETC-ICS87354I Datasheet
128Kb / 10P
-2.5V/ 3.3V LVPECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843051 ICST-ICS843051 Datasheet
241Kb / 15P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A DECEMBER 14, 2004
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A OCTOBER 6, 2005
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS843SDN IDT-ICS843SDN Datasheet
830Kb / 14P
FEMTOCLOCK??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
87354 IDT-87354 Datasheet
198Kb / 15P
Differential-to-3.3V LVPECL Clock Generator
843021 IDT-843021 Datasheet
282Kb / 15P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843021I IDT-ICS843021I Datasheet
894Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com