Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3088AM Datasheet(PDF) 3 Page - International Rectifier

Part # IR3088AM
Description  XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3088AM Datasheet(HTML) 3 Page - International Rectifier

  IR3088AM Datasheet HTML 1Page - International Rectifier IR3088AM Datasheet HTML 2Page - International Rectifier IR3088AM Datasheet HTML 3Page - International Rectifier IR3088AM Datasheet HTML 4Page - International Rectifier IR3088AM Datasheet HTML 5Page - International Rectifier IR3088AM Datasheet HTML 6Page - International Rectifier IR3088AM Datasheet HTML 7Page - International Rectifier IR3088AM Datasheet HTML 8Page - International Rectifier IR3088AM Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
IR3088A
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over: 8.4V ≤ VCC ≤ 14V, 6V ≤ VCCH ≤ 25V, 6V ≤ VCCL
≤ 14V, 0
oC ≤ T
J ≤ 125
oC, C
GATEH = 3.3nF, CGATEL = 6.8nF
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Gate Drivers
GATEH Rise Time
VCCH = 12V, Measure 2V to 9V
transition time
22
50
ns
GATEH Fall Time
VCCH = 12V, Measure 9V to 2V
transition time
22
50
ns
GATEL Rise Time
VCCL = 12V, Measure 2V to 9V
transition time
50
75
ns
GATEL Fall Time
VCCL = 12V, Measure 9V to 2V
transition time
50
75
ns
GATEL low to GATEH high
delay
VCCH = VCCL = 12V, Measure the time
from GATEL falling to 1V to GATEH
rising to 1V
10
25
50
ns
GATEH low to GATEL high
delay
VCCH = VCCL = 12V, Measure the time
from GATEH falling to 1V to GATEL
rising to 1V
10
25
50
ns
Disable Pull-Down Current
Force GATEH or GATEL = 2V with
BIASIN = 0V
15
25
40
µA
Current Sense Amplifier
CSIN+ Bias Current
-0.5
-0.25
0
µA
CSIN- Bias Current
-0.5
-0.25
0
µA
Input Offset Voltage
CSIN+ = CSIN- = DACIN. Measure
input referred offset from DACIN
-3
0.5
5
mV
Gain at TJ = 25
oC
32
34
36
V/V
Gain at TJ = 125
oC
27
29
31
V/V
Slew Rate
Current Sense Amplifier output is an
internal node. Slew rate at the ISHARE
pin will be set by the internal 10kΩ
resistor and any stray external
capacitance
12.5
V/
µs
Differential Input Range
-20
100
mV
Common Mode Input Range
0
4
V
Rout at TJ = 25
oC
7.9
10.5
13.1
kΩ
Rout at TJ = 125
oC
9.3
12.4
15.5
kΩ
Ramp Discharge Clamp
Clamp Voltage
Force I(PWMRMP) = 500
µA. Measure
V(PWMRMP) – V(DACIN)
-10
5
20
mV
Clamp Discharge Current
4
8
mA
Page 3 of 34
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com