Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3088AM Datasheet(PDF) 13 Page - International Rectifier

Part # IR3088AM
Description  XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3088AM Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3088AM Datasheet HTML 9Page - International Rectifier IR3088AM Datasheet HTML 10Page - International Rectifier IR3088AM Datasheet HTML 11Page - International Rectifier IR3088AM Datasheet HTML 12Page - International Rectifier IR3088AM Datasheet HTML 13Page - International Rectifier IR3088AM Datasheet HTML 14Page - International Rectifier IR3088AM Datasheet HTML 15Page - International Rectifier IR3088AM Datasheet HTML 16Page - International Rectifier IR3088AM Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
IR3088A
RCS+
DBST
CBST
RCS+
DBST
CBST
RCS+
DBST
CBST
CSCOMP
RCS-
CSCOMP
RPWMRMP
RFB
RCS-
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088A
PHASE
IC
1nF
20k
RBIASIN
CDRP
ROCSET
RCS+
DBST
RCS-
CIN
CBST
CCS-
CCS+
RPWMRMP
CVCCL
CVCCL
RVCC
L
CIN
RCP
RPWMRMP
CVCCL
CSCOMP
RCS-
0.1uF
RVCC
CIN
20k
RBIASIN
CIN
CCS+
CCS-
CVCC
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088A
PHASE
IC
CCS-
0.1uF
CVCC
VGATE
RCS-
RGATE
QGATE
ROSC
CIN
DGATE
CCS-
CCP1
20k
RBIASIN
RPWMRMP
20k
RBIASIN
CSCOMP
CVCCL
L
RBBDRP
RFB1
10 ohm
RVCC
L
RSHARE
CVCC
CVDAC
RDRP
CVCCL
CVCC
CCS-
CCP
CSCOMP
CCS+
CCS+
RVCC
RDRP1
CVCC
RPWMRMP
RVDAC
20k
RBIASIN
L
CCS+
L
OSCDS
1
VID5
2
VID0
3
VID1
4
VID2
5
VID3
6
VID4
7
VBIAS
21
BBFB
20
EAOUT
19
FB
18
VDRP
17
IIN
16
OCSET
15
IR3081
CONTROL
IC
RCS+
DBST
RVCC
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088A
PHASE
IC
CBST
RPWMRMP
RVCC
RBBFB
CSCOMP
RCS-
RVCC
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088A
PHASE
IC
CCS-
CCS+
L
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088A
PHASE
IC
CFB
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088A
PHASE
IC
20k
RBIASIN
CIN
CVCC
CVCCL
CVCC
POWERGOOD
PHASE FAULT
VRHOT
VOUT SENSE-
VOUT SENSE+
VOUT+
VID3
VID4
VOUT-
ENABLE
12V
VID0
VID1
VID5
VID2
DISTRIBUTION
IMPEDANCE
COUT
RCS+
DBST
CBST
Figure 8. 6 Phase IR3081/3088A VRM/EVRD10 Converter
Page 13 of 34
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com