Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M830D Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # M830D
Description  12.249Gb/s OC-192 Clock & Data Recovery Transmitter Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M830D Datasheet(HTML) 3 Page - Integrated Circuit Systems

  M830D Datasheet HTML 1Page - Integrated Circuit Systems M830D Datasheet HTML 2Page - Integrated Circuit Systems M830D Datasheet HTML 3Page - Integrated Circuit Systems M830D Datasheet HTML 4Page - Integrated Circuit Systems M830D Datasheet HTML 5Page - Integrated Circuit Systems M830D Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Micro Networks
324 Clark Street
Worcester, MA 01606
tel: 508-852-5400
fax: 508-852-8456
www.micronetworks.com
M830 Series
Preliminary Specifications
Micro Networks
An Integrated Circuit Systems Company
BLOCK DIAGRAM
The M830 clock and data recovery module has a SAW
VCO based phase-locked loop architecture. The
1.225GHz fundamental VCO is implemented as a
transmission oscillator. The oscillator loop includes
the SAW resonator that has a linear phase with
frequency characteristic, a linear voltage controlled
phase shifter, loop amplifier, and power divider to
couple signal from the loop. The oscillator is
frequency doubled to 2.450GHz and band pass
filtered. The 2.450GHz is then multiplied by five to the
final frequency of 12.25GHz. The output of the VCO is
power divided to provide an input to the phase
detector and a clock signal.
The input data is power divided to provide inputs to
the decision circuit and the clock recovery circuitry.
The input to the clock recovery circuit is amplified and
applied to an analog frequency doubler to extract a
clock spectral component from the NRZ data input
stream. The 12.25GHz doubler output is band pass
filtered and amplified.
One VCO output and the clock extracted from the
input data serve as inputs to a microwave phase
detector. The phase detector output is applied to an
integrator circuit. The integrator output controls the
phase shifter in the SAW VCO, completing the phase-
lock loop. The phase-locked loop causes the low
noise VCO output to be phase-locked to the clock
signal extracted from the NRZ input data, providing a
low jitter clock signal.
The clock signal is applied to a phase shifter that
allows the timing between the input data and clock to
be adjusted for optimum performance. The phase
shifter output is amplified and band pass filtered to
provide a low jitter and low spurious clock. The clock
is power divided to provide the clock output of the
module and the clock input to the decision circuit.
The decision circuit is a high speed D flip-flop. In
addition to the clock and data inputs, a user
adjustable decision threshold voltage is available. This
voltage is used to optimize the retimed data. The CDR
threshold and phase shifter do not require adjustment
over the temperature and input data level ranges.
The clock output of the CDR is a low spurious
sinusoidal signal and the complementary data outputs
are AC coupled ECL signals. DC coupled ECL
compatible data outputs are available.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com