Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M830D Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # M830D
Description  12.249Gb/s OC-192 Clock & Data Recovery Transmitter Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M830D Datasheet(HTML) 5 Page - Integrated Circuit Systems

  M830D Datasheet HTML 1Page - Integrated Circuit Systems M830D Datasheet HTML 2Page - Integrated Circuit Systems M830D Datasheet HTML 3Page - Integrated Circuit Systems M830D Datasheet HTML 4Page - Integrated Circuit Systems M830D Datasheet HTML 5Page - Integrated Circuit Systems M830D Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Micro Networks
324 Clark Street
Worcester, MA 01606
tel: 508-852-5400
fax: 508-852-8456
www.micronetworks.com
M830 Series
Preliminary Specifications
Micro Networks
An Integrated Circuit Systems Company
ORDERING INFORMATION & MECHANICAL DIMENSIONS
Part Number:
M830 X XXXXX.XX X X
Series
No of Inputs
D = Single Input
Frequency
Temperature Range
K = 0 to +70°C
Package Type
C = Case/Module Package
[7.1]
6X .28
[6.8]
.27
[6.8]
.27
[15.7]
.62
[4.6]
.18
[30.5]
1.20
MAX
[3.18]
.125
[7.4]
.29
[14.0]
.55
[36.8]
1.45
[9.1]
.36
MOUNTING HOLES
[Ø 3.25-3.40]
4X Ø .128-.134 THRU
MAX
[48.0]
1.89
MAX
[19.3]
.76
REF
[.76]
6X .03
[É”.76]
6X Ø .03
[57.79]
2X 2.275
[2.54]
2X .100
[42.54]
2X 1.675
[2.54]
2X .100
MAX
[63.3]
2.49
[37.4]
1.47
[24.1]
.95
[10.9]
.43
-5V
-5V
REF
ADJ
PHASE
DEC
DATA OUT
DATA OUT
CLK OUT
+5V
LOC
DATA IN
4X SMA CONN
FL HD SCR'S
REF
2X LABEL
.54
[13.8]
.39
[9.8]
.23
[5.84]
.29
[7.4]
Micro Networks makes no assertion or warranty that the circuitry and the uses thereof disclosed herein are
non-infringing on any valid US or foreign patents. Micro Networks assumes no liability as a result of the use
of said specifications and reserves the right to make changes to specifications without notice. Contact your
nearest Micro Networks sales representative office for the latest specifications.
Micro Networks
An Integrated Circuit Systems Company
324 Clark Street Worcester, MA 01606 tel: 508-852-5400 fax: 508-852-8456
European Sales Headquarters
Hertogsingel 20
6214 AD Maastricht
The Netherlands
tel: +31-43-32-70912
fax: +31-43-32-70715
www.micronetworks.com
Rev. 15.0
PIN DESCRIPTIONS
Symbol
Name
Description
DATA IN
Data Input
AC coupled 50Ω data input
DATA OUT
Data Output
AC coupled 50Ω data output
(non-inverted)
DATA OUT
Data Output
AC coupled 50Ω data output
(inverted)
CLK OUT
Clock Output
AC coupled 50Ω clock output
(sinusoidal)
PHASE ADJ
Phase Shift
User input to phase shift the recovered clock over
Adjust
a 100ps range. The control voltage range is 0 to 15V.
REF
Decision Threshold
User input to adjust the decision circuit
Adjustment
threshold. The control range is -0.2V to -0.75V.
LOC DEC
Lock Detect
TTL output indicating PLL loss of lock. TTL “1”
indicates lock. TTL “0” indicates loss of lock.
+5V
+5V Power Supply
Positive power supply input.
-5V
-5V Power Supply
Negative power supply input.
GND
Power Supply
Ground lug to allow connection of power supply
Ground Connection
returns to case ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com