Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 123 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 123 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 119Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 120Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 121Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 122Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 123Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 124Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 125Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 126Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 127Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 670 page
background image
AN1632
2–87
Motorola Sensor Device Data
www.motorola.com/semiconductors
0
0
Fundamental
1st
2nd
3rd
4th
5th
SAMPLING FREQUENCY AND HARMONICS
0.5
1
1.5
2
2.5
3
3.5
Figure 3. Worst Case Aliasing Gain Model Derived from Characterization Data
Harmonic
Freq. (kHz)
HRC1
HRC2
Aliasing Gain
Fundamental
65
0.0101
*2.1120
0.4242
1st
130
*0.0016
*1.4881
0.3674
2nd
195
0.0237
*4.1572
2.7116
3rd
260
*0.0060
*0.2919
0.6007
4th
325
*0.0098
3.7439
3.2017
5th
390
*0.0164
4.3054
0.7361
Figure 4. Values for Worst Case Aliasing Gain Model
The aliasing gain model can be used to estimate the amount
of noise that can be expected on the output due to noise in the
switching power supply. As an example, consider a switching
power supply operating at 65.05 kHz, with peak–to–peak
noise levels of 10, 6, 3.3, 2.5, 2, and 1.4 mV for the fundamen-
tal and the first five harmonics, respectively. Assume the worst
case scenario, an almost perfect match of power supply fun-
damental frequency with the fundamental of the ASIC and all
noise signals in phase. The power supply noise that would be
seen at the output due to each harmonic would be calculated
as follows:
Harmonic
Aliasing Gain
P.S. Noise
Output Noise
Fundamental
0.4242
10.00 mV
4.24 mV
1st
0.3674
6.00 mV
2.20 mV
2nd
2.7116
3.33 mV
9.04 mV
3rd
0.6007
2.50 mV
1.50 mV
4th
3.2017
2.00 mV
6.40 mV
5th
0.7361
1.40 mV
1.03 mV
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com