Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 127 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 127 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 123Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 124Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 125Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 126Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 127Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 128Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 129Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 130Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 131Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 670 page
background image
AN1635
2–91
Motorola Sensor Device Data
www.motorola.com/semiconductors
The Baseball Pitch Speedometer works by exploiting the
fact that the final velocity of the target will be, according to
Eq. 1, linearly proportional to the initial velocity of the thrown
ball. Therefore, by measuring the acceleration response of the
system to various ball velocities, which can be measured by
independent means such as a radar gun, the system could be
calibrated and a linear model developed. To facilitate the char-
acterization and calibration of the system, a pitching machine
was used to ensure that the incident ball speed would be
repeatable. It also eliminated potential error caused by the
variability of location of impact on the target that would inevit-
ably result from several manual throws. Figure 3 shows a
linear regression plot of the response of the system as a func-
tion of incident velocity. As is indicated by the plot, just a simple
constant of proportionality could be used to correlate the mea-
sured acceleration response to the incident velocity of the ball,
with fairly accurate results.
Figure 3. Baseball Pitch Speedometer Characterization Data
0
10203040
5060
0
2000
4000
6000
8000
10000
12000
14000
BASEBALL SPEED AS RECORDED BY RADAR GUN (mph)
Y
PREDICTED Y
IMPLEMENTATION — HARDWARE
The target mat of the Baseball Pitch Speedometer has an
area of approximately 9 ft2 (3 by 3). Even though the rubber
material used to construct the target is quite dense and
heavy, the transmission of an impact is very poor if the ball
strikes the target too far from the sensor. Therefore, to cover
such a relatively large area it is necessary to use at least
four devices; one centered in each quadrant of the square
target. In addition, a shock resistant plate about a quarter
inch thick is mounted behind the rubber mat. These features
help make the response of the system more uniform and
reduce errors that result from the variability of where the ball
strikes the target.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com