Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 140 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 140 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 136Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 137Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 138Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 139Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 140Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 141Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 142Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 143Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 144Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 670 page
background image
2–104
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1925
Using the Motorola Accelerometer
Evaluation Board
Prepared by: Leticia Gomez and Raul Figueroa
Sensor Products Division
Systems and Applications Engineering
INTRODUCTION
This application note describes the Motorola Accelerometer
Evaluation Board (Figure 1). The Accelerometer Evaluation
Board is a small circuit board intended to serve as an aid in
system design with the capability for mounting the following
devices: MMA1220D, MMA1201P, MMA1200D, MMA2201D.
This evaluation board is useful for quickly evaluating any of
these three devices. It also provides a means for
understanding the best mounting position and location of an
accelerometer in your product.
CIRCUIT DESCRIPTION
Figure 2 is a circuit schematic of the evaluation board. The
recommended decoupling capacitor at the power source and
recommended RC filter at the output, are included on the
evaluation board. This RC filter at the output of the
accelerometer minimizes clock noise that may be present
from the switched capacitor filter circuit. No additional
components are necessary to use the evaluation board.
Refer to the respective datasheet of the device being used
for
specifications
and
technical
operation
of
the
accelerometer.
The evaluation board has a 4–pin header (J1 in Figure 1) for
interfacing to a 5 volt power source or a 9 to 15 volt power
source (for example, 9 V battery). Jumper JP1 (see Figure 1)
must have the following placement: on PS if a 5 V supply is
being used or on BATT if a 9 V to 15 V supply is used. A 5 V
regulator (U1 in figure 1) supplies the necessary power for the
accelerometer in the BATT option.
The power header also provides a means for connecting to
the accelerometer analog output through a wire to another
breadboard or system. Four through–hole sockets are
included to allow access to the following signals: VDD, GND,
ST and STATUS. These sockets can be used as test points or
as means for connecting to other hardware.
The
ON/OFF
switch
(S1)
provides
power
to
the
accelerometer and helps preserve battery life if a battery is
being used as the power source. S1 must be set towards the
“ON” position for the accelerometer to function. The green
LED (D1) is lit when power is supplied to the accelerometer.
A self–test pushbutton (S2) on the evaluation board is a
self–test feature that provides verification of the mechanical
and electrical integrity of the accelerometer. The STATUS pin
is an output from the fault latch and is set high if one of the fault
conditions exists. A second pressing of the pushbutton (S2)
resets the fault latch, unless of course one or more fault
conditions continue to exist.
Figure 1. Motorola Accelerometer Evaluation Board
Jumper (JP1)
5 V Regulator
Power Header
On/Off Switch
(S1)
Power LED (D1)
Test Points
Self–Test
Pushbutton (S2)
MMA Device
Mounting
Hole (1 of 4)
(U1)
PS
BATT
STATUS
(J1)
Accelerometer Output
(Vout)
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com