Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 144 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 144 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 140Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 141Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 142Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 143Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 144Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 145Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 146Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 147Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 148Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 670 page
background image
2–108
Motorola Sensor Device Data
www.motorola.com/semiconductors
CASE 456–06
ISSUE J
WB PACKAGE
DIM
MIN
MAX
INCHES
A
0.638
0.618
B
0.260
0.240
C
0.133
0.127
D
0.021
0.015
G
0.100 BSC
H
0.050 BSC
J
0.009
0.012
K
0.125
0.140
L
0.063
0.070
M
0.015
0.025
N
0.036
0.044
P
0.095
0.110
NOTES:
1. DIMENSIONS ARE IN INCHES.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M–1994.
3. PLANE –X– AND PLANE –Y– SHOULD BE
ALIGNED WITHIN
"0.0015”.
M
A
M
0.005
B M
T
12
16
7
G
H
D
6X
C
J
N
M
S
S
0.025
0.035
U
U
P
U
0.088
0.108
L
8X
K
8X
A
A
Y
T
B
B
Y
CASE 648C–04
ISSUE D
DIP PACKAGE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.744
0.783
18.90
19.90
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
E
0.050 BSC
1.27 BSC
F
0.040
0.70
1.02
1.78
G
0.100 BSC
2.54 BSC
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
0.300 BSC
7.62 BSC
M
0
10
0
10
N
0.015
0.040
0.39
1.01
_
_
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
16
9
18
D
G
E
16X
A
M
0.005 (0.13)
T
SEATING
PLANE
A
A
F
T
B
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com