Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 148 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 148 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 144Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 145Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 146Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 147Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 148Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 149Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 150Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 151Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 152Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 670 page
background image
3–2
Motorola Sensor Device Data
www.motorola.com/semiconductors
Mini Selector Guide
PRESSURE SENSORS
Uncompensated Pressure Sensors
Product
Family
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Offset
(Typ)
(mV)
Full Scale
Span
(Typ)
Sensitivity
(mV/kPa)
Pressure
Type Note
Maximum
(psi)
Maximum
(kPa)
Maximum
(in H2O)
Maximum
(cm H20)
Maximum
(mm Hg)
(mV)
(Typ)
(mV)
A
D
G
MPX10
1.45
10
40
102
75
20
35
3.5
D
D
MPX12
1.45
10
40
102
75
20
55
3.5
D
D
MPX53
7
50
200
510
375
20
60
1.2
D
D
Note: A = Absolute, D = Differential, G = Gauge, V = Vacuum
Compensated Pressure Sensors
Product
Family
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Offset
(mV)
Full Scale
Span
(Typ)
Sensitivity
(mV/kPa)
Pressure
Type Note
Maximum
(psi)
Maximum
(kPa)
Maximum
(in H2O)
Maximum
(cm H20)
Maximum
(mm Hg)
(Typ)
(mV)
A
D
G
MPX2010
1.45
10
40
102
75
±1.0
25
2.5
D
D
MPX2053
7
50
201
510
375
±1.0
40
0.8
D
V
MPX2102
14.5
100
400
1020
750
±2.0
40
0.4
D
14.5
100
400
750
±1.0
40
0.4
D
V
MPX2202
29
200
800
2040
1500
±1.0
40
0.2
D
29
200
800
1500
±1.0
40
0.2
D
V
MPX2050
7
50
201
510
375
±1.0
40
0.8
D
D
MPX2100
14.5
100
400
1020
750
±2.0
40
0.4
D
14.5
100
400
750
±1.0
40
0.4
D
V
MPX2200
29
200
800
2040
1500
±1.0
40
0.2
D
29
200
800
1500
±1.0
40
0.2
D
V
Note: A = Absolute, D = Differential, G = Gauge, V = Vacuum
Compensated Medical Grade Pressure Sensors
Product
Family
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Supply
Voltage
(Typ)
Offset
Maximum
(mV)
Sensitivity
(mV/kPa)
Pressure
Type Note
Maximum
(psi)
Maximum
(kPa)
Maximum
(in H2O)
Maximum
(cm H20)
Maximum
(mm Hg)
(Typ)
(Vdc)
(mV)
A
D
G
MPXC2011
1.45
10
40
102
75
10.0
1.0
n/a
D
MPX2300
5.8
40
161
408
300
6.0
0.75
5.0
D
Note: A = Absolute, D = Differential, G = Gauge, V = Vacuum
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com