Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 151 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 151 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 147Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 148Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 149Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 150Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 151Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 152Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 153Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 154Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 155Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 670 page
background image
3–5
Motorola Sensor Device Data
www.motorola.com/semiconductors
What Are the Pressure Packaging Options?
(Sizes not to scale)
UNIBODY
BASIC ELEMENT
CASE 344
SUFFIX A / D
UNIBODY
SINGLE PORT
CASE 344B
SUFFIX AP / GP
UNIBODY
DUAL PORT
CASE 344C
SUFFIX DP
UNIBODY
BASIC ELEMENT
CASE 867
SUFFIX A / D
UNIBODY
SINGLE PORT
CASE 867B
SUFFIX AP / GP
UNIBODY
DUAL PORT
CASE 867C
SUFFIX DP
UNIBODY
AXIAL PORT
CASE 867F
SUFFIX ASX / GSX
UNIBODY
STOVEPIPE PORT
CASE 867E
SUFFIX AS / GS
Preferred Pressure Sensor Packaging Options
Pressure Sensor Packaging
SOP
CASE 482
SUFFIX AG / G6
SOP
CASE 482B
SUFFIX G7U
SOP AXIAL PORT
CASE 482A
SUFFIX AC6 / GC6
SOP AXIAL PORT
CASE 482C
SUFFIX GC7U
MEDICAL
CHIP PAK
CASE 423A
SUFFIX DT1
UNIBODY
STOVEPIPE PORT
CASE 344E
SUFFIX AS / GS
J
MPAK
CASE 1320
SUFFIX A / D
MPAK AXIAL PORT
CASE 1320A
SUFFIX AS / GS
SOP SIDE PORT
CASE 1369
SUFFIX AP / GP
SOP DUAL PORT
CASE 1351
SUFFIX DP
SOP VACUUM PORT
CASE 1368
SUFFIX GVP
SSOP
CASE 1317
SUFFIX A6
SSOP AXIAL PORT
CASE 1317A
SUFFIX AC6
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com