Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 155 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 155 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 151Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 152Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 153Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 154Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 155Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 156Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 157Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 158Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 159Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 670 page
background image
Figure 4. Linearity Specification Comparison
LEAST SQUARE
DEVIATION
0
50
100
PRESSURE (% FULLSCALE)
STRAIGHT
LINE
DEVIATION
LEAST SQUARES FIT
EXAGGERATED
PERFORMANCE
CURVE
OFFSET
END POINT
STRAIGHT LINE FIT
3–9
Motorola Sensor Device Data
www.motorola.com/semiconductors
LINEARITY
Linearity refers to how well a transducer’s output follows
the equation: Vout = Voff + sensitivity x P over the operating
pressure range. There are two basic methods for calculating
nonlinearity: (1) end point straight line fit (see Figure 4) or
(2) a least squares best line fit. While a least squares fit gives
the “best case” linearity error (lower numerical value), the
calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the
calculations are more straightforward for the user. Motorola’s
specified pressure sensor linearities are based on the end
point straight line method measured at the midrange pressure.
OPERATION
Motorola pressure sensors provide three types
of pressure measurement: Absolute Pressure,
Differential Pressure and Gauge Pressure.
Absolute Pressure Sensors measure an
external pressure relative to a zero–pressure
reference (vacuum) sealed inside the reference
chamber of the die during manufacture. This
corresponds to a deflection of the diaphragm
equal to approximately 14.5 psi (one atmo-
sphere), generating a quiescent full–scale output
for the MPXH6101A6T1 (14.5 psi) sensor, and a
half–scale output for the MPX4200A (29 psi)
device. Measurement of external pressure is
accomplished by applying a relative negative
pressure to the “Pressure” side of the sensor.
Differential Pressure Sensors measure the
difference between pressures applied simulta-
neously to opposite sides of the diaphragm. A
positive pressure applied to the “Pressure” side
generates the same (positive) output as an equal
negative pressure applied to the “Vacuum” side.
Figure 5. Pressure Measurements
Gauge Pressure readings are a special case of differential measure-
ments in which the pressure applied to the “Pressure” side is measured
against the ambient atmospheric pressure applied to the “Vacuum” side
through the vent hole in the chip of the differential pressure sensor
elements.
NEGATIVE PRESSURE
VOFF
1 ATM PMAX
INCREASING VACUUM
INCREASING PRESSURE
POSITIVE PRESSURE
NEGATIVE
PRESSURE
VOFF
DIFFERENTIAL PRESSURE
INCREASING
PMAX
Absolute
Sensor
Differential
Sensor
VACUUM
Motorola sensing elements can withstand pressure inputs as high as four times their rated
capacity, although accuracy at pressures exceeding the rated pressure will be reduced.
When excessive pressure is reduced, the previous linearity is immediately restored.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com