Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 184 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 184 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 180Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 181Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 182Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 183Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 184Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 185Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 186Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 187Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 188Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 670 page
background image
MPX2100 SERIES
3–38
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing the silicone gel
which isolates the die. The differential or gauge sensor is
designed to operate with positive differential pressure
applied, P1 > P2. The absolute sensor is designed for
vacuum applied to P1 side.
The Pressure (P1) side may be identified by using the
table below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX2100A
MPX2100D
344
Stainless Steel Cap
MPX2100DP
344C
Side with Part Marking
MPX2100AP
MPX2100GP
344B
Side with Port Attached
MPX2100ASX
MPX2100GSX
344F
Side with Port Attached
ORDERING INFORMATION
MPX2100 series pressure sensors are available in absolute, differential and gauge configurations. Devices are available in
the basic element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose
pressure connections.
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Absolute, Differential
344
MPX2100A
MPX2100D
MPX2100A
MPX2100D
Ported Elements
Differential, Dual Port
344C
MPX2100DP
MPX2100DP
Absolute, Gauge
344B
MPX2100AP
MPX2100GP
MPX2100AP
MPX2100GP
Absolute, Gauge Axial
344F
MPX2100ASX
MPX2100GSX
MPX2100A
MPX2100D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com