Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 188 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 188 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 184Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 185Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 186Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 187Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 188Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 189Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 190Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 191Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 192Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 670 page
background image
MPX2102 MPXV2102G SERIES
3–42
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing the silicone gel
which isolates the die. The differential or gauge sensor is
designed to operate with positive differential pressure
applied, P1 > P2. The absolute sensor is designed for
vacuum applied to P1 side.
The Pressure (P1) side may be identified by using the
table below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX2102A
MPX2102D
344
Stainless Steel Cap
MPX2102DP
344C
Side with Part Marking
MPX2102AP
MPX2102GP
344B
Side with Port Attached
MPX2102GVP
344D
Stainless Steel Cap
MPX2102ASX
MPX2102GSX
344F
Side with Port Attached
MPXV2102GP
1369
Side with Port Attached
MPXV2102DP
1351
Side with Part Marking
ORDERING INFORMATION — UNIBODY PACKAGE (MPX2102 SERIES)
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Absolute, Differential
344
MPX2102A
MPX2102D
MPX2102A
MPX2102D
Ported Elements
Differential, Dual Port
344C
MPX2102DP
MPX2102DP
Absolute, Gauge
344B
MPX2102AP
MPX2102GP
MPX2102AP
MPX2102GP
Absolute, Gauge Axial
344F
MPX2102ASX
MPX2102GSX
MPX2102A
MPX2102D
Gauge, Vacuum
344D
MPX2102GVP
MPX2102GVP
ORDERING INFORMATION — SMALL OUTLINE PACKAGE (MPXV2102G SERIES)
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Ported Elements
Gauge, Side Port, SMT
1369
MPXV2102GP
Trays
MPXV2102G
Differential, Dual Port, SMT
1351
MPXV2102DP
Trays
MPXV2102G
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com