Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 192 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 192 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 188Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 189Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 190Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 191Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 192Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 193Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 194Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 195Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 196Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 670 page
background image
MPX2200 SERIES
3–46
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing the silicone gel
which isolates the die from the environment. The differential
or gauge sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2. The absolute sensor is
designed for vacuum applied to P1 side.
The Pressure (P1) side may be identified by using the
table below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX2200A
MPX2200D
344
Stainless Steel Cap
MPX2200DP
344C
Side with Part Marking
MPX2200AP
MPX2200GP
344B
Side with Port Attached
MPX2200GVP
344D
Stainless Steel Cap
ORDERING INFORMATION
MPX2200 series pressure sensors are available in absolute, differential and gauge configurations. Devices are available in
the basic element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose
pressure connections.
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Absolute, Differential
344
MPX2200A
MPX2200D
MPX2200A
MPX2200D
Ported Elements
Differential
344C
MPX2200DP
MPX2200DP
Absolute, Gauge
344B
MPX2200AP
MPX2200GP
MPX2200AP
MPX2200GP
Gauge, Vacuum
344D
MPX2200GVP
MPX2200GVP
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com