Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 198 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 198 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 194Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 195Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 196Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 197Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 198Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 199Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 200Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 201Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 202Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 670 page
background image
MPX2300DT1 MPX2301DT1
3–52
Motorola Sensor Device Data
www.motorola.com/semiconductors
MAXIMUM RATINGS(NOTE)
Rating
Symbol
Value
Unit
Maximum Pressure (Backside)
Pmax
125
PSI
Storage Temperature
Tstg
– 25 to + 85
°C
Operating Temperature
TA
+ 15 to + 40
°C
NOTE: Exposure beyond the specified limits may cause permanent damage or degradation to the device.
OPERATING CHARACTERISTICS (VS = 6 Vdc, TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
0
—
300
mmHg
Supply Voltage(7)
VS
—
6.0
10
Vdc
Supply Current
Io
—
1.0
—
mAdc
Zero Pressure Offset
Voff
– 0.75
—
0.75
mV
Sensitivity
—
4.95
5.0
5.05
µV/V/mmHg
Full Scale Span(1)
VFSS
2.976
3.006
3.036
mV
Linearity + Hysteresis(2)
—
– 1.5
—
1.5
%VFSS
Accuracy(9) VS = 6 V, P = 101 to 200 mmHg
—
– 1.5
—
1.5
%
Accuracy(9) VS = 6 V, P = 201 to 300 mmHg
—
– 3.0
—
3.0
%
Temperature Effect on Sensitivity
TCS
– 0.1
—
+ 0.1
%/
°C
Temperature Effect on Full Scale Span(3)
TCVFSS
– 0.1
—
+ 0.1
%/
°C
Temperature Effect on Offset(4)
TCVoff
– 9.0
—
+ 9.0
µV/°C
Input Impedance
Zin
1800
—
4500
Ω
Output Impedance
Zout
270
—
330
Ω
RCAL (150 kΩ)(8)
RCAL
97
100
103
mmHg
Response Time(5)
(10% to 90%)
tR
—
1.0
—
ms
Temperature Error Band
—
0
—
85
°C
Stability(6)
—
—
±0.5
—
%VFSS
NOTES:
1. Measured at 6.0 Vdc excitation for 100 mmHg pressure differential. VFSS and FSS are like terms representing the algebraic difference
between full scale output and zero pressure offset.
2. Maximum deviation from end–point straight line fit at 0 and 200 mmHg.
3. Slope of end–point straight line fit to full scale span at 15
°C and +40°C relative to +25°C.
4. Slope of end–point straight line fit to zero pressure offset at 15
°C and +40°C relative to +25°C.
5. For a 0 to 300 mmHg pressure step change.
6. Stability is defined as the maximum difference in output at any pressure within POP and temperature within +10°C to + 85°C after:
a. 1000 temperature cycles, – 40
°C to +125°C.
b. 1.5 million pressure cycles, 0 to 300 mmHg.
7. Recommended voltage supply: 6 V
± 0.2 V, regulated. Sensor output is ratiometric to the voltage supply. Supply voltages above +10 V may
induce additional error due to device self–heating.
8. Offset measurement with respect to the measured sensitivity when a 150k ohm resistor is connected to VS and S+ output.
9. Accuracy is calculated using the following equation:
Errorp = {[Vp – Offset)/(SensNom*VEX)]–P}/P
Where:
Vp = Actual output voltage at pressure P in microvolts (µV)
Offset = Voltage output at P = 0mmHg in microvolts (
µV)
SensNom = Nominal sensitivity = 5.01 µV/V/mmHg
VEX = Excitation voltage
P = Pressure applied to the device
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com