Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 202 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 202 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 198Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 199Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 200Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 201Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 202Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 203Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 204Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 205Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 206Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 670 page
background image
MPX4080D
3–56
Motorola Sensor Device Data
www.motorola.com/semiconductors
ON–CHIP TEMPERATURE COMPENSATION, CALIBRATION and SIGNAL CONDITIONING
Figure 2. Output versus Pressure Differential
Figure 2 shows the sensor output signal relative to
differential pressure input. Typical, minimum, and
maximum output curves are shown for operation over a
temperature range of 0
° to 85°C using the decoupling
circuit shown in Figure 4. The output will saturate out-
side of the specified pressure range.
5
4.5
4
3.5
3
PRESSURE (kPa)
TYP
MAX
MIN
2.5
2
1.5
1
0.5
0
VS = 5.1 Vdc
TA = 25°C
MPX4080
OFFSET
(TYP)
FLUORO SILICONE
GEL DIE COAT
WIRE BOND
LEAD FRAME
DIE
STAINLESS STEEL
METAL COVER
EPOXY PLASTIC
CASE
DIFFERENTIAL/GAUGE ELEMENT
DIE
BOND
Figure 3. Cross–Sectional Diagrams
(Not to Scale)
Figure 3 illustrates the differential sensing chip in the basic
chip carrier (Case 867). A fluorosilicone gel isolates the die
surface and wire bonds from the environment, while allowing
the pressure signal to be transmitted to the sensor dia-
phragm.
The MPX4080D pressure sensor operating character-
istics, internal reliability, and qualification tests are based
on use of dry air as the pressure media. Media, other
than dry air, may have adverse effects on sensor perfor-
mance and long–term reliability. Contact the factory for
information regarding media compatibility in your applica-
tion.
Figure 4 shows the recommended decoupling circuit for in-
terfacing the output of the integrated sensor to the A/D input
of a microprocessor or microcontroller. Proper decoupling of
the power supply is recommended.
Figure 4. Recommended power supply decoupling
and output filtering.
For additional output filtering, please refer to
Application Note AN1646.
1.0
mF
IPS
470 pF
OUTPUT
Vs
+5 V
0.01
mF
GND
Vout
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com