Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 214 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 214 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 210Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 211Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 212Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 213Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 214Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 215Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 216Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 217Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 218Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 670 page
background image
MPX4100A MPXA4100A SERIES
3–68
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluorosilicone gel
which protects the die from harsh media. The Motorola MPX
pressure sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the table
below:
Part Number
Case Type
Pressure (P1)
Side Identifier
MPX4100A
867
Stainless Steel Cap
MPX4100AP
867B
Side with Port Marking
MPX4100AS
867E
Side with Port Attached
MPXA4100A6U/T1
482
Stainless Steel Cap
MPXA4100AC6U
482A
Side with Port Attached
ORDERING INFORMATION — UNIBODY PACKAGE
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Absolute, Element Only
867
MPX4100A
MPX4100A
Ported Elements
Absolute, Ported
867B
MPX4100AP
MPX4100AP
Absolute, Stove Pipe Port
867E
MPX4100AS
MPX4100A
ORDERING INFORMATION — SMALL OUTLINE PACKAGE
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Basic Element
Absolute, Element Only
482
MPXA4100A6U
Rails
MPXA4100A
Absolute, Element Only
482
MPXA4100A6T1
Tape and Reel
MPXA4100A
Ported Element
Absolute, Axial Port
482A
MPXA4100AC6U
Rails
MPXA4100A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com