Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 218 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 218 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 214Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 215Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 216Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 217Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 218Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 219Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 220Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 221Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 222Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 670 page
background image
MPX4101A MPXA4101A MPXH6101A SERIES
3–72
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 2. Cross Sectional Diagram SSOP
(not to scale)
WIRE BOND
STAINLESS
STEEL CAP
THERMOPLASTIC
CASE
DIE BOND
SEALED VACUUM REFERENCE
DIE
P1
FLUORO SILICONE
GEL DIE COAT
LEAD
FRAME
ABSOLUTE ELEMENT
Figure 2 illustrates an absolute sensing chip in the super small outline package (Case 1317).
5.0
4.5
4.0
3.5
3.0
Pressure (ref: to sealed vacuum) in kPa
TYP
MAX
MIN
2.5
2.0
1.5
1.0
0.5
0
TRANSFER FUNCTION:
Vout = Vs* (PX0.01059*P–0.10941) ± Error
Figure 3. Recommended power supply decoupling
and output filtering.
Figure 4. Output versus Absolute Pressure
VS = 5.1 Vdc
TEMP = 0 to 85
°C
20 kPa TO 105 kPa
MPX4101A
VS Pin 2
+5.1 V
GND Pin 3
Vout Pin 4
to ADC
100 nF
51 K
47 pF
MPXH6101A
Figure 4 shows the sensor output signal relative to pres-
sure input. Typical, minimum, and maximum output curves
are shown for operation over a temperature range of 0
° to
85
°C. The output will saturate outside of the specified pres-
sure range.
A fluorosilicone gel isolates the die surface and wire
bonds from the environment, while allowing the pressure
signal to be transmitted to the sensor diaphragm. The
MPX4101A/MPXA4101A/MPXH6101A series pressure sen-
sor operating characteristics, and internal reliability and qual-
ification tests are based on use of dry air as the pressure
media. Media, other than dry air, may have adverse effects
on sensor performance and long–term reliability. Contact the
factory for information regarding media compatibility in your
application.
Figure 3 shows the recommended decoupling circuit for
interfacing the output of the integrated sensor to the A/D in-
put of a microprocessor or microcontroller. Proper decoup-
ling of the power supply is recommended.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com