Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 232 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 232 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 228Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 229Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 230Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 231Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 232Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 233Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 234Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 235Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 236Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 670 page
background image
MPX4200A SERIES
3–86
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 2. Cross–Sectional Diagram
(Not to Scale)
SILICONE
DIE COAT
WIRE BOND
STAINLESS STEEL
METAL COVER
RTV DIE
BOND
DIE
P1
P2
EPOXY
CASE
LEAD FRAME
SEALED VACUUM REFERENCE
1.0
mF
IPS
470 pF
OUTPUT
Vs
+5 V
0.01
mF
GND
Vout
Figure 3. Recommended power supply decoupling
and output filtering.
For additional output filtering, please refer to
Application Note AN1646.
Figure 2 illustrates the absolute sensing chip in the basic
chip carrier (Case 867). A fluorosilicone gel isolates the
die surface and wire bonds from the environment, while
allowing the pressure signal to be transmitted to the sen-
sor diaphragm. The MPX4200A series pressure sensor
operating characteristics, and internal reliability and quali-
fication tests are based on use of dry air as the pressure
media. Media, other than dry air, may have adverse ef-
fects on sensor performance and long–term reliability.
Contact the factory for information regarding media com-
patibility in your application.
Figure 3 shows the recommended decoupling circuit for
interfacing the output of the integrated sensor to the A/D in-
put of a microprocessor or microcontroller. Proper decoup-
ling of the power supply is recommended.
Figure 4 shows the sensor output signal relative to pres-
sure input. Typical minimum and maximum output curves
are shown for operation over temperature range of 0
° to
85
°C. The output will saturate outside of the specified pres-
sure range.
0
5.0
4.5
4.0
3.5
3.0
MAX
MIN
2.5
2.0
1.5
1.0
0.5
Figure 4. Output versus Absolute Pressure
TYP
TRANSFER FUNCTION:
Vout = VS* (0.005 x P–0.04) ± Error
VS = 5.1 Vdc
TEMP = 0 to 85
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com