Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 236 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 236 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 232Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 233Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 234Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 235Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 236Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 237Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 238Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 239Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 240Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 670 page
background image
MPX4250A MPXA4250A SERIES
3–90
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 2. Cross–Sectional Diagram
(Not to Scale)
FLUOROSILICONE
DIE COAT
WIRE BOND
STAINLESS STEEL
METAL COVER
RTV DIE
BOND
DIE
P1
P2
EPOXY
CASE
LEAD FRAME
SEALED VACUUM REFERENCE
1.0
mF
IPS
470 pF
OUTPUT
Vs
+5 V
0.01
mF
GND
Vout
Figure 3. Recommended power supply decoupling
and output filtering.
For additional output filtering, please refer to
Application Note AN1646.
Figure 2 illustrates the absolute pressure sensing chip in
the basic chip carrier (Case 867). A fluorosilicone gel iso-
lates the die surface and wire bonds from the environment,
while allowing the pressure signal to be transmitted to the
sensor diaphragm.
The MPX4250A/MPXA4250A series pressure sensor op-
erating characteristics and internal reliability and qualifica-
tion tests are based on use of dry air as the pressure
media. Media, other than dry air, may have adverse ef-
fects on sensor performance and long–term reliability.
Contact the factory for information regarding media com-
patibility in your application.
Figure 3 shows the recommended decoupling circuit for in-
terfacing the output of the integrated sensor to the A/D input
of a microprocessor or microcontroller.
Figure 4 shows the sensor output signal relative to pres-
sure input. Typical, minimum, and maximum output curves
are shown for operation over temperature range of 0
° to
85
°C using the decoupling circuit shown in Figure 3. The
output will saturate outside of the specified pressure range.
0
5.0
4.5
4.0
3.5
3.0
PRESSURE (ref: to sealed vacuum) in kPa
MAX
MIN
2.5
2.0
1.5
1.0
0.5
TYP
TRANSFER FUNCTION:
Vout = VS* (0.004 x P–0.04) ± Error
VS = 5.1 Vdc
TEMP = 0 to 85
°C
Figure 4. Output versus Absolute Pressure
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com