Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2803BWM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2803BWM
Description  High-Voltage High-Current Darlington Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2803BWM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2803BWM Datasheet HTML 1Page - Micrel Semiconductor MIC2803BWM Datasheet HTML 2Page - Micrel Semiconductor MIC2803BWM Datasheet HTML 3Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MIC2803/2804
Micrel
6-36
April 1998
Absolute Maximum Ratings
Output Voltage (V
CE) .................................................... 50V
Continuous Output Current (I
C) ................................ 500mA
Input Voltage (V
IN) ........................................................ 30V
Continuous Input Current (I
IN) .................................... 25mA
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance
PDIP
θ
JA .............................................................. 56°C/W
SOIC
θ
JA ............................................................. 84°C/W
Electrical Characteristics
V
CC = 50V, TA = 25°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
CEX
Output Leakage Current
T
A = +25°C50
µA
T
A = +70°C
100
µA
MIC2804
T
A = +85°C, VIN = 1.0V
500
µA
V
CE(sat)
Collector-Emitter Saturation Voltage
I
C = 100mA, IIN = 250µA
0.9
1.1
V
I
C = 200mA, IIN = 350µA
1.1
1.3
V
I
C = 350mA, IIN = 500µA
1.3
1.6
V
I
IN(on)
Input Current
MIC2803
V
IN = 3.85V
0.93
1.35
mA
MIC2804
V
IN = 5.0V
0.35
0.5
mA
V
IN = 12V
1.0
1.45
mA
I
IN(off)
I
C = 500µA, TA = +85°C50
65
µA
V
IN(on)
Input Voltage
MIC2803
V
CE = 2.0V, IC = 200mA
2.4
V
V
CE = 2.0V, IC = 250mA
2.7
V
V
CE = 2.0V, IC = 300mA
3.0
V
MIC2804
V
CE = 2.0V, IC = 125mA
5.0
V
V
CE = 2.0V, IC = 200mA
6.0
V
V
CE = 2.0V, IC = 275mA
7.0
V
V
CE = 2.0V, IC = 350mA
8.0
V
C
IN
Input Capacitance
15
25
pF
t
ON
Turn-On Delay
0.5E
IN to 0.5EOUT
0.15
1.0
µs
t
OFF
Turn-Off Delay
0.5E
IN to 0.5EOUT
0.05
1.0
µs
I
R
Clamp Diode Leakage Current
V
R = 50V, TA = +25°C50
µA
V
R = 50V, TA = +85°C
100
µA
V
F
Clamp Diode Forward Voltage
I
F = 350mA
1.7
2.0
V
General Note: Devices are ESD protected; however, handling precautions are recommended.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com