Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2803BWM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2803BWM
Description  High-Voltage High-Current Darlington Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2803BWM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2803BWM Datasheet HTML 1Page - Micrel Semiconductor MIC2803BWM Datasheet HTML 2Page - Micrel Semiconductor MIC2803BWM Datasheet HTML 3Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MIC2803/2804
Micrel
6-34
April 1998
MIC2803/2804
High-Voltage High-Current Darlington Array
Not Recommended for New Designs
General
The MIC2803 and MIC2804 are high-voltage, high-current
Darlington arrays ideal for switching high-power loads from
logic-level TTL, CMOS, or PMOS control signals.
The MIC2803/4 Darlington transistor array can be used to
manage multiple loads of up to 50V and 500mA, limited by
package power dissipation.
The MIC2803 features inputs compatible with 5V TTL and
CMOS logic while the MIC2804 features inputs compatible
with 6V to 15V CMOS or PMOS logic outputs.
The MIC2803/4 is available in 18-pin plastic DIP and wide
SOIC packages in the –40
°C to +85°C temperature range.
Functional Diagrams
OUT1
OUT2
OUT3
OUT4–OUT7
OUT8
MIC2803
MIC2804
4
IN1
IN2
IN3
IN4–IN7
IN8
118
217
316
4–7
15–12
811
COM
10
GND
9
Features
• Output voltage to 50V
• Output current to 500mA
• Open-collector outputs
• Integral clamp diodes
• TTL, CMOS, or PMOS compatible inputs
Applications
• Relay and solenoid switching
• Stepping motor
• LED and incandescent displays
Ordering Information
Part Number
Temperature Range
Package
MIC2803BN
–40
°C to +85°C
18-pin DIP
MIC2803BWM
–40
°C to +85°C
18-pin wide SOIC
MIC2804BN
–40
°C to +85°C
18-pin DIP
MIC2804BWM
–40
°C to +85°C
18-pin wide SOIC
7.2K
3K
COM
IN
OUT
2.7k
Typical MIC2803 Darlington Driver
7.2K
3K
COM
IN
OUT
10.5k
Typical MIC2804 Darlington Driver


Similar Part No. - MIC2803BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC280 MICREL-MIC280 Datasheet
226Kb / 23P
Precision IttyBitty Thermal Supervisor
MIC280-0BM6 MICREL-MIC280-0BM6 Datasheet
226Kb / 23P
Precision IttyBitty Thermal Supervisor
MIC280-0BM6 MICREL-MIC280-0BM6 Datasheet
391Kb / 23P
Precision IttyBitty Thermal Supervisor
MIC280-0YM6 MICREL-MIC280-0YM6 Datasheet
226Kb / 23P
Precision IttyBitty Thermal Supervisor
MIC280-0YM6 MICREL-MIC280-0YM6 Datasheet
391Kb / 23P
Precision IttyBitty Thermal Supervisor
More results

Similar Description - MIC2803BWM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
High voltage, high current Darlington transistor array
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
High-Voltage, High- Current Darlington Transistor Array
logo
Allegro MicroSystems
7003 ALLEGRO-7003 Datasheet
144Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAY
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Rohm
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
logo
Texas Instruments
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
High-Voltage, High-Current Darlington Transistor Array
logo
Unisonic Technologies
ULN2012 UTC-ULN2012 Datasheet
186Kb / 6P
HIGH VOLTAGE HIGH CURRENT DARLINGTON ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com